Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 147 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 147 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 143Page - Microchip Technology UPD360 Datasheet HTML 144Page - Microchip Technology UPD360 Datasheet HTML 145Page - Microchip Technology UPD360 Datasheet HTML 146Page - Microchip Technology UPD360 Datasheet HTML 147Page - Microchip Technology UPD360 Datasheet HTML 148Page - Microchip Technology UPD360 Datasheet HTML 149Page - Microchip Technology UPD360 Datasheet HTML 150Page - Microchip Technology UPD360 Datasheet HTML 151Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 147
UPD360
11.4.2.9
RX Duplicate Packet Count Register (RX_DUP_PKT_CNT)
This register keeps track of the number of the number of duplicate packets received. It is applicable only when Automatic
Response Mode is enabled. This register is for debug purpose only.
If enabled, an interrupt can be generated when the count of this register reaches 128.
11.4.2.10
RX Hard Reset Detection Window Register (RX_HR_DET_WINDOW)
11.4.2.11
RX Last GoodCRC Packet High Byte Register (RX_LAST_GCRC_PKT_HI)
Address:
1A48h
Size:
8 bits
Bits
Description
Type
Default
7:0
DUP_PKT_CNT
Number of duplicate packets received. Applicable when Auto Response Mode
is enabled.
When the value of this register becomes greater than 127, the DBG_EVENT
bit in the RX Interrupt Status Register (RX_IRQ_STAT) will be set.
Any write to this register will clear all bits.
R/WAC
00h
Address:
1A49h
Size:
8 bits
Bits
Description
Type
Default
7
RESERVED
RO
-
6:0
RX_HR_DET_WINDOW
Value of Hard Reset detection window in number of bits.
This field determines when a detected Hard Reset or Cable Reset will be con-
sidered valid.
R/W
1011110b
Address:
1A4Ah
Size:
8 bits
Bits
Description
Type
Default
7:0
RX_LAST_GCRC_PKT_HI
Bits [15:8] of received GoodCRC message.
This register is only valid when auto-retry is enabled. Since GoodCRC mes-
sage in auto-retry mode is not stored in the RX queue, this register provides a
means for software to examine the last GoodCRC message received.
RO
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com