Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 145 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 145 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 141Page - Microchip Technology UPD360 Datasheet HTML 142Page - Microchip Technology UPD360 Datasheet HTML 143Page - Microchip Technology UPD360 Datasheet HTML 144Page - Microchip Technology UPD360 Datasheet HTML 145Page - Microchip Technology UPD360 Datasheet HTML 146Page - Microchip Technology UPD360 Datasheet HTML 147Page - Microchip Technology UPD360 Datasheet HTML 148Page - Microchip Technology UPD360 Datasheet HTML 149Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 145
UPD360
11.4.2.6
RX Packet Status Register (RX_PKT_STAT)
This register is applicable only when using auto-response/retry modes. This register is used in conjunction with the fol-
lowing bits to provide additional information regarding the status of a received packet:
• RX_DONE bit in the RX Interrupt Status Register (RX_IRQ_STAT)
• RX_PCOL_ERROR bit in the RX Error Interrupt Status Register (RX_ERR_IRQ_STAT)
• RX_PKT_DROPPED bit in the RX Error Interrupt Status Register (RX_ERR_IRQ_STAT)
• RX_BUF_OVR_RUN bit in the RX Error Interrupt Status Register (RX_ERR_IRQ_STAT)
Bits in this register are sticky, i.e., once any bit is set by hardware this field cannot be updated by hardware until software
clears the field.
A value of 0x00 indicates no errors, while a value of 0xFF indicates that the packet status is currently unknown. Other
values are interpreted as specified in the bit definitions for this register.
Address:
1A45h
Size:
8 bits
Note:
There no status for having received a GoodCRC message with matching MSG_ID. Successful completion
of a TX is indication that a valid GoodCRC ACK was received.
Note:
Bits in this register are set by hardware and must be cleared by software. The bits are not mutually exclu-
sive, i.e., more than one bit may be set depending on the circumstance.
Bits
Description
Type
Default
7
RESERVED
RO
-
6
RX_PKT_STAT[6]
ODD_NIBBLES. Received packet dropped because it had odd number of nib-
bles in data phase. Not set if RX_PKT_STAT[3] (RX_OVER_SIZE) is set
regardless of bad CRC, symbol errors or odd nibbles. RX_BAD_PKT interrupt
is asserted.
R/W1C
0b
5
RX_PKT_STAT[5]
SYM_ERROR. There was a symbol error in packet but BAD_CRC was not
reported. Not set if RX_PKT_STAT[3] (RX_OVER_SIZE) is set regardless of
bad CRC, symbol errors or odd nibbles. RX_BAD_PKT interrupt is asserted.
R/W1C
0b
4
RX_PKT_STAT[4]
RX_FIFO_FULL. Received packet had to be dropped because the FIFO was
full either at SOP or during data. RX_BUF_OVR_RUN interrupt is asserted.
R/W1C
0b
3
RX_PKT_STAT[3]
RX_OVER_SIZE. Received packet had to be dropped because it was larger
than the maximum size set in the RX Maximum Packet Size Register.
RX_BAD_PKT interrupt is asserted.
R/W1C
0b
2
RX_PKT_STAT[2]
PCOL_ERROR. Received other than GoodCRC or Ping message when
GoodCRC was expected. RX_PCOL_ERROR interrupt is asserted.
R/W1C
0b
1
RX_PKT_STAT[1]
DUPLICATE_PACKET. Applicable to auto-response mode. RX_PKT_-
DROPPED interrupt is asserted.
R/W1C
0b
0
RX_PKT_STAT[0]
BAD_CRC. RX packet had bad CRC. RX_BAD_PKT interrupt is asserted.
This bit is also forced set if symbol error or odd nibble count occurs. It is not
set if RX_PKT_STAT[3] (RX_OVER_SIZE) is set, regardless of bad CRC,
symbol errors or odd nibbles.
R/W1C
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com