Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 149 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 149 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 145Page - Microchip Technology UPD360 Datasheet HTML 146Page - Microchip Technology UPD360 Datasheet HTML 147Page - Microchip Technology UPD360 Datasheet HTML 148Page - Microchip Technology UPD360 Datasheet HTML 149Page - Microchip Technology UPD360 Datasheet HTML 150Page - Microchip Technology UPD360 Datasheet HTML 151Page - Microchip Technology UPD360 Datasheet HTML 152Page - Microchip Technology UPD360 Datasheet HTML 153Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 149
UPD360
11.4.2.15
RX FIFO Read Pointer Register (RX_FIFO_RD_PTR)
This register contains the RX FIFO read pointer. Software may update this register to flush a packet based on the known
packet length and starting point.
Software must keep the RX FIFO Read Pointer Control Bits Register coherent with this register if software were to
update this register.
In order to maintain coherency, writes to this register are held in a temporary register and are transferred to the actual
register when the RX FIFO Read Pointer Control Bits Register is written.
11.4.2.16
RX FIFO Read Pointer Control Bits Register (RX_FIFO_RD_PTR_CTL_BITS)
This register contains the auxiliary control bits of the RX FIFO read pointer.
Software must keep these bits coherent with the RX FIFO Read Pointer if software were to update the latter.
Address:
1A50h
Size:
8 bits
Bits
Description
Type
Default
7
RESERVED
RO
-
6:0
RX_FIFO_RD_PTR
This field contains the RX FIFO read pointer.
R/W
0000000b
Address:
1A51h
Size:
8 bits
Bits
Description
Type
Default
7
RX_FIFO_EMPTY
This field indicates that the RX FIFO is empty (RX FIFO Write Head Pointer
equals the RX FIFO Read Pointer.)
RO
1b
6:2
RESERVED
RO
-
1
RX_FIFO_RD_PTR_AT_TOP
This field indicates that the RX FIFO read pointer is at the top of the RAM
(location 127).
RO
0b
0
RX_FIFO_RX_PTR_WRAP
This field toggles each time the RX FIFO read pointer wraps past the top of
the RAM (location 127). If software updates the RX FIFO read pointer such
that it wraps, this bit must be toggled.
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com