Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 153 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 153 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 149Page - Microchip Technology UPD360 Datasheet HTML 150Page - Microchip Technology UPD360 Datasheet HTML 151Page - Microchip Technology UPD360 Datasheet HTML 152Page - Microchip Technology UPD360 Datasheet HTML 153Page - Microchip Technology UPD360 Datasheet HTML 154Page - Microchip Technology UPD360 Datasheet HTML 155Page - Microchip Technology UPD360 Datasheet HTML 156Page - Microchip Technology UPD360 Datasheet HTML 157Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 153
UPD360
11.4.3
PD MAC INTERRUPT STATUS AND ENABLE REGISTERS
The following sub-sections describe the various registers associated with the PD MAC interrupts.
Refer to Section 8.1, "System Interrupts," on page 35 for additional information on system level interrupt control.
11.4.3.1
MAC Interrupt Status Register (MAC_IRQ_STAT)
This register reflects the summary status of the various interrupt sources. If any of these bits are set, the MAC_INT inter-
rupt bit in the Interrupt Status Register (INT_STS) will be active (if enabled).
Bits in this register are read only and reflect the combined result of the other PD MAC interrupt status registers.
There is no corresponding enable register, since all interrupts have enables at lower levels of the hierarchy.
Address:
1A80h
Size:
8 bits
Bits
Description
Type
Default
7:5
RESERVED
RO
-
4
RX_SOP_IRQ_STAT
RX SOP status. This bit is set when any bit in the RX SOP Interrupt Status
Register (RX_SOP_IRQ_STAT) is set and enabled via the RX SOP Interrupt
Enable Register (RX_SOP_IRQ_EN).
This bit can only be cleared by clearing or disabling the bit(s) in the RX SOP
Interrupt Status Register (RX_SOP_IRQ_STAT).
RO
0b
3
PM_IRQ_STAT
Power Management status. This bit is set when any bit in the Power Manage-
ment Interrupt Status Register (PM_IRQ_STAT) is set and enabled via the
Power Management Interrupt Enable and Control Register (PM_IRQ_EN).
This bit can only be cleared by clearing or disabling the bit(s) in the Power
Management Interrupt Status Register (PM_IRQ_STAT).
RO
0b
2
RX_ERR_IRQ_STAT
RX Error status. This bit is set when any bit in the RX Error Interrupt Status
Register (RX_ERR_IRQ_STAT) is set and enabled via the RX Error Interrupt
Enable Register (RX_ERR_IRQ_EN).
This bit can only be cleared by clearing or disabling the bit(s) in the RX Error
Interrupt Status Register (RX_ERR_IRQ_STAT).
RO
0b
1
RX_IRQ_STAT
RX status. This bit is set when any bit in the RX Interrupt Status Register
(RX_IRQ_STAT) is set and enabled via the RX Interrupt Enable Register
(RX_IRQ_EN).
This bit can only be cleared by clearing or disabling the bit(s) in the RX Inter-
rupt Status Register (RX_IRQ_STAT).
RO
0b
0
TX_IRQ_STAT
TX status. This bit is set when any bit in the TX Interrupt Status Register
(TX_IRQ_STAT) is set and enabled via the TX Interrupt Enable Register
(TX_IRQ_EN).
This bit can only be cleared by clearing or disabling the bit(s) in the TX Inter-
rupt Status Register (TX_IRQ_STAT).
RO
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com