Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 155 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 155 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 151Page - Microchip Technology UPD360 Datasheet HTML 152Page - Microchip Technology UPD360 Datasheet HTML 153Page - Microchip Technology UPD360 Datasheet HTML 154Page - Microchip Technology UPD360 Datasheet HTML 155Page - Microchip Technology UPD360 Datasheet HTML 156Page - Microchip Technology UPD360 Datasheet HTML 157Page - Microchip Technology UPD360 Datasheet HTML 158Page - Microchip Technology UPD360 Datasheet HTML 159Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 155
UPD360
11.4.3.3
RX Interrupt Status Register (RX_IRQ_STAT)
This register reflects the status of various RX_IRQ_STAT sources. Whether an interrupt is generated or not depends on
the values in the RX Interrupt Enable Register (RX_IRQ_EN).
Bits in this register are set by hardware and must be cleared by software.
1
TX_FAILED
Applicable in Auto Retry Mode only (or when GoodCRC timer is enabled).
This interrupt indicates a TX message request failed to complete for one of
the following reasons:
• GoodCRC timer expired
• Maximum number of retries exceeded
Note:
Software may enable the GoodCRC timer without enabling Auto
Retry. In this case this interrupt will be generated when GoodCRC
timer expires. It is software's responsibility to disable the Good-
CRC timer on reception of GoodCRC message to prevent genera-
tion of this interrupt.
R/W1C
0b
0
TX_DONE
Applicable in Auto Retry Mode only. A TX message request is successfully
completed, i.e., the message is acknowledged with GoodCRC by recipient.
This bit is not set for messages that don't get a GoodCRC message, i.e., Hard
or Cable Reset. TX_EOP should be used in such situations.
When Auto Retry Mode is disabled, TX_EOP should be used to determine
when packet is done transmitting.
R/W1C
0b
Address:
1A82h
Size:
8 bits
Bits
Description
Type
Default
7
RX_FIFO_NOT_EMPTY
RX FIFO is not empty. This bit is set whenever the RX FIFO has data to be
read. Typically set when a valid packet is finished being received and cleared
once all data has been read.
Note:
This bit is read only and is cleared once the FIFO is empty.
RO
0b
6
LINE_WENT_IDLE
Line is now idle. This bit is set when hardware detects no activity on the PD
bus.
Note:
This bit is not line status, it is an event. If line is already idle when
this interrupt is enabled, this bit will be set immediately. If line is
busy when this interrupt is enabled, this bit will be set when line
goes idle.
Software can use this to be informed when either TX is over or RX is over.
This will only work while clocks are enabled.
R/W1C
1b
5
RX_CABLE_RST
Cable Reset Message received.
R/W1C
0b
4
RESERVED
RO
-
3
RX_HARD_RST
Hard Reset Message received.
R/W1C
0b
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com