Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 159 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 159 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 155Page - Microchip Technology UPD360 Datasheet HTML 156Page - Microchip Technology UPD360 Datasheet HTML 157Page - Microchip Technology UPD360 Datasheet HTML 158Page - Microchip Technology UPD360 Datasheet HTML 159Page - Microchip Technology UPD360 Datasheet HTML 160Page - Microchip Technology UPD360 Datasheet HTML 161Page - Microchip Technology UPD360 Datasheet HTML 162Page - Microchip Technology UPD360 Datasheet HTML 163Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 159
UPD360
11.4.3.7
TX Interrupt Enable Register (TX_IRQ_EN)
Setting a bit in this register will enable to corresponding source to generate an interrupt. Note that only interrupt gener-
ation is affected. The TX Interrupt Status Register (TX_IRQ_STAT) will still reflect the status of the event.
All interrupts are disabled after POR.
11.4.3.8
RX Interrupt Enable Register (RX_IRQ_EN)
Setting a bit in this register will enable to corresponding source to generate an interrupt. Note that only interrupt gener-
ation is affected. The RX Interrupt Status Register (RX_IRQ_STAT) will still reflect the status of the event.
All interrupts are disabled after POR.
Address:
1A86h
Size:
8 bits
Bits
Description
Type
Default
7
AUTO_RSP_ABORTED_EN
Setting this bit enables the AUTO_RSP_ABORTED interrupt.
R/W
0b
6
AUTO_RSP_SENT_EN
Setting this bit enables the AUTO_RSP_SENT interrupt.
R/W
0b
5
OK_TO_TX_EN
Setting this bit enables the OK_TO_TX interrupt.
R/W
0b
4
CRC_RCV_TIMEOUT_EN
Setting this bit enables the CRC_RCV_TIMEOUT interrupt.
R/W
0b
3
TX_EOP_EN
Setting this bit enables the TX_EOP interrupt.
R/W
0b
2
TX_ABORTED_EN
Setting this bit enables the TX_ABORTED interrupt.
R/W
0b
1
TX_FAILED_EN
Setting this bit enables the TX_FAILED interrupt.
R/W
0b
0
TX_DONE_EN
Setting this bit enables the TX_DONE interrupt.
R/W
0b
Address:
1A87h
Size:
8 bits
Bits
Description
Type
Default
7
RX_FIFO_NOT_EMPTY_EN
Setting this bit enables the RX_FIFO_NOT_EMPTY interrupt.
R/W
0b
6
LINE_WENT_IDLE_EN
Setting this bit enables the LINE_WENT_IDLE interrupt.
R/W
0b
5
RX_CABLE_RST_EN
Setting this bit enables the RX_CABLE_RST interrupt.
R/W
0b
4
RESERVED
RO
-
3
RX_HARD_RST_EN
Setting this bit enables the RX_HARD_RST interrupt.
R/W
0b
2
RX_EOP_EN
Setting this bit enables the RX_EOP interrupt.
R/W
0b
1
RX_SOP_EN
Setting this bit enables the RX_SOP interrupt.
R/W
0b
0
RX_DONE_EN
Setting this bit enables the RX_DONE interrupt.
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com