Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 160 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 160 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 156Page - Microchip Technology UPD360 Datasheet HTML 157Page - Microchip Technology UPD360 Datasheet HTML 158Page - Microchip Technology UPD360 Datasheet HTML 159Page - Microchip Technology UPD360 Datasheet HTML 160Page - Microchip Technology UPD360 Datasheet HTML 161Page - Microchip Technology UPD360 Datasheet HTML 162Page - Microchip Technology UPD360 Datasheet HTML 163Page - Microchip Technology UPD360 Datasheet HTML 164Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 221 page
background image
UPD360
DS00002084C-page 160
 2016-2017 Microchip Technology Inc.
11.4.3.9
RX Error Interrupt Enable Register (RX_ERR_IRQ_EN)
Setting a bit in this register will enable to corresponding source to generate an interrupt. Note that only interrupt gener-
ation is affected. The RX Error Interrupt Status Register (RX_ERR_IRQ_STAT) will still reflect the status of the event.
All interrupts are disabled after POR.
11.4.3.10
Power Management Interrupt Enable and Control Register (PM_IRQ_EN)
Setting a bit in this register will enable to corresponding source to generate an interrupt. Note that only interrupt gener-
ation is affected. The Power Management Interrupt Status Register (PM_IRQ_STAT) will still reflect the status of the
event.
All interrupts are disabled after POR. This register also enables clock start and stop requests.
Address:
1A88h
Size:
8 bits
Bits
Description
Type
Default
7
DBG_EVENT_EN
Setting this bit enables the DBG_EVENT interrupt.
R/W
0b
6:4
RESERVED
RO
-
3
RX_BAD_PKT_EN
Setting this bit enables the RX_BAD_PKT interrupt.
R/W
0b
2
RX_BUF_OVR_RUN_EN
Setting this bit enables the RX_BUF_OVR_RUN interrupt.
R/W
0b
1
RX_PCOL_ERROR_EN
Setting this bit enables the RX_PCOL_ERROR interrupt.
R/W
0b
0
RX_PKT_DROPPED_EN
Setting this bit enables the RX_PKT_DROPPED interrupt.
R/W
0b
Address:
1A89h
Size:
8 bits
Bits
Description
Type
Default
7:4
RESERVED
RO
-
3
UPD_CLK_STOP_EN
If this bit is set, the MAC, upon going idle, will request that the system clock be
stopped.
If this bit is cleared, software is responsible to return the device to sleep mode.
This bit does not affect the wake up interrupt (UPD_ACT_WS) generation.
Note:
This bit does not affect the MAC's indication that it requires the
clock. Even if this bit is cleared, the MAC, once it is idle, will indi-
cate that it does not need the clock.
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com