Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 157 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 157 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 153Page - Microchip Technology UPD360 Datasheet HTML 154Page - Microchip Technology UPD360 Datasheet HTML 155Page - Microchip Technology UPD360 Datasheet HTML 156Page - Microchip Technology UPD360 Datasheet HTML 157Page - Microchip Technology UPD360 Datasheet HTML 158Page - Microchip Technology UPD360 Datasheet HTML 159Page - Microchip Technology UPD360 Datasheet HTML 160Page - Microchip Technology UPD360 Datasheet HTML 161Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 157
UPD360
11.4.3.4
RX Error Interrupt Status Register (RX_ERR_IRQ_STAT)
This register reflects the status of various RX_ERR_IRQ_STAT sources. Whether an interrupt is generated or not
depends on the values in the RX Error Interrupt Enable Register (RX_ERR_IRQ_EN).
Bits in this register are set by hardware and must be cleared by software.
Address:
1A83h
Size:
8 bits
Bits
Description
Type
Default
7
DBG_EVENT
Debug event occurred:
• Count of packets with bad CRC reached limit. Provides indication of link
quality.
• Count of duplicate packets reached limit. Provides indication dropped
GoodCRC packets by receiver.
Note:
Software must read both count registers in order to determine
which of the above two conditions caused the event.
Note:
Unlike other RX IRQ status bits, which are triggered by strobes,
this bit is persistent, i.e., if the register causing the interrupt is not
cleared prior to clearing the interrupt then this bit will set again.
R/W1C
0b
6:4
RESERVED
RO
-
3
RX_BAD_PKT
Received corrupt packet (Bad CRC, Symbol Error, Oversize or ODD nibble
count). RX_PKT_STAT[0] (BAD_CRC), RX_PKT_STAT[5] (SYM_ERROR),
RX_PKT_STAT[6] (ODD_NIBBLES) or RX_PKT_STAT[3] (RX_OVER_SIZE)
in the RX Packet Status Register (RX_PKT_STAT) will be set.
R/W1C
0b
2
RX_BUF_OVR_RUN
Receiving packet but no buffer space available. In this case, the RX_PK-
T_STAT[4] (RX_FIFO_FULL) bit in the RX Packet Status Register (RX_PK-
T_STAT) will be set.
Received packet will be dropped.
R/W1C
0b
1
RX_PCOL_ERROR
Applicable to Auto Retry Mode only. Hardware detected protocol error. i.e.,
received other than GoodCRC or Ping message when a GoodCRC message
was expected.
Received message will be placed in RXQ and RX_DONE be will be set.
Auto Retry will be aborted and TX_ABORTED bit will be set.
R/W1C
0b
0
RX_PKT_DROPPED
RX packet is dropped due to:
• Duplicate packet in Auto Response Mode
• GoodCRC message in Auto Retry Mode
R/W1C
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com