Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 161 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 161 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 157Page - Microchip Technology UPD360 Datasheet HTML 158Page - Microchip Technology UPD360 Datasheet HTML 159Page - Microchip Technology UPD360 Datasheet HTML 160Page - Microchip Technology UPD360 Datasheet HTML 161Page - Microchip Technology UPD360 Datasheet HTML 162Page - Microchip Technology UPD360 Datasheet HTML 163Page - Microchip Technology UPD360 Datasheet HTML 164Page - Microchip Technology UPD360 Datasheet HTML 165Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 161
UPD360
11.4.3.11
RX SOP Interrupt Enable Register (RX_SOP_IRQ_EN)
Setting a bit in this register will enable to corresponding source to generate an interrupt. Note that only interrupt gener-
ation is affected. The RX SOP Interrupt Status Register (RX_SOP_IRQ_STAT) will still reflect the status of the event.
All interrupts are disabled after POR.
2
UPD_WU_EN
If this bit is set, the MAC, upon detecting receive activity, will request that the
system clock be started.
This bit does not affect the wake up interrupt (UPD_ACT_WS) generation.
Note:
Once clocks have been started, this bit does not affect the MAC's
indication that it requires the clock. Even if this bit is cleared, the
MAC, once it is non-idle (i.e. squelch is active), will indicate that it
requires the clock. Only the period between the asynchronous
wake up and the start of squelch is affected.
R/W
0b
1
RESERVED
RO
-
0
USB_PD_ACT_WS_EN
Setting this bit enables the UPD_ACT_WS interrupt.
R/W
0b
Address:
1A8Ah
Size:
8 bits
Bits
Description
Type
Default
7:5
RESERVED
RO
-
4:0
RX_SOP_EN
Setting a bit enables the corresponding RX_SOP interrupt.
Bit 0: SOP
Bit 1: SOP'
Bit 2: SOP''
Bit 3: SOP'_Debug
Bit 4: SOP''_Debug
R/W
00000b
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com