Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 165 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 165 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 161Page - Microchip Technology UPD360 Datasheet HTML 162Page - Microchip Technology UPD360 Datasheet HTML 163Page - Microchip Technology UPD360 Datasheet HTML 164Page - Microchip Technology UPD360 Datasheet HTML 165Page - Microchip Technology UPD360 Datasheet HTML 166Page - Microchip Technology UPD360 Datasheet HTML 167Page - Microchip Technology UPD360 Datasheet HTML 168Page - Microchip Technology UPD360 Datasheet HTML 169Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 165
UPD360
11.4.4.7
BMC RX Low Level Half Bit Maximum Time Register (BMC_RX_LO_HB_MAX_TIME)
The value of this register together with the value of the BMC RX Low Level Half Bit Minimum Time Register (BMC_RX-
_LO_HB_MIN_TIME) is used by the BMC decoder to determine the valid half bit-time for a low level RX signal. This
time should take into account both the bit rate range and duty cycle distortion of the received signal.
BMC_RX_LO_HB_MAX_TIME > valid low time > BMC_RX_LO_HB_MIN_TIME
11.4.4.8
BMC RX Low Level Half Bit Minimum Time Register (BMC_RX_LO_HB_MIN_TIME)
The value of this register together with the value of the BMC RX Low Level Half Bit Maximum Time Register (BMC_RX-
_LO_HB_MAX_TIME) is used by the BMC decoder to determine the valid half bit-time for a low level RX signal. This
time should take into account both the bit rate range and duty cycle distortion of the received signal.
BMC_RX_LO_HB_MAX_TIME > valid low time > BMC_RX_LO_HB_MIN_TIME
BMC_RX_LO_FB_MIN_TIME > BMC_RX_LO_HB_MAX_TIME
Address:
1AA6h
Size:
8 bits
Bits
Description
Type
Default
7:0
BMC_RX_LO_HB_MAX_TIME
Time in clock cycles at minimum bit-rate and worst duty cycle distortion.
=((1 / 2) * ((clock_freq_KHz / min_bit_rate_Kbps)*(100 + tolerance) / 100) - 1)
Note:
A value of 110 (decimal) is recommended for this field.
R/W
00h
Address:
1AA7h
Size:
8 bits
Bits
Description
Type
Default
7:0
BMC_RX_LO_HB_MIN_TIME
Time in clock cycles at maximum bit-rate and worst duty cycle distortion.
=((1 / 2) * ((clock_freq_KHz / max_bit_rate_Kbps)*(100 - tolerance) / 100) - 1)
Note:
A value of 48 (decimal) is recommended for this field.
R/W
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com