Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 168 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 168 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 164Page - Microchip Technology UPD360 Datasheet HTML 165Page - Microchip Technology UPD360 Datasheet HTML 166Page - Microchip Technology UPD360 Datasheet HTML 167Page - Microchip Technology UPD360 Datasheet HTML 168Page - Microchip Technology UPD360 Datasheet HTML 169Page - Microchip Technology UPD360 Datasheet HTML 170Page - Microchip Technology UPD360 Datasheet HTML 171Page - Microchip Technology UPD360 Datasheet HTML 172Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 221 page
background image
UPD360
DS00002084C-page 168
 2016-2017 Microchip Technology Inc.
11.4.5
PD MAC BIST REGISTERS
The following sub-sections describe the various registers associated with the PD MAC Built-In Self Test (BIST).
11.4.5.1
BIST Control Register A (BIST_CTL_A)
Address:
1AC0h
Size:
8 bits
Bits
Description
Type
Default
7:5
RESERVED
RO
-
4
BIST_RX_EN
Enable BIST Receiver.
Setting this bit will:
• Enable the BIST receiver.
• Reset the PRBS generator in the BIST RX logic so it is ready to compare
incoming BIST PRBS pattern.
• Reset the BIST error count registers (BIST Error Count High Register
(BIST_ERR_CNT_HI) and BIST Error Count Low Register (BIST_ER-
R_CNT_LO).
Normally this bit is set only when BIST receiver mode is required; however,
this bit can be set to enable loopback BIST testing by disabling Automatic
Response Mode and enabling the RX loopback (setting the EN_LOOPBACK
bit in the RX Control Register A (RX_CTL_A)).
This bit must be cleared and set by software every time a new BIST RX
request comes in.
Note:
In BIST loopback test mode, BIST TX must be manually triggered
for each TX packet since functional receiver path is disabled.
R/W
0b
3
BIST_EN
Enable BIST. Set this bit when BIST logic is activated.
This bit together with the EN_LOOPBACK bit in the RX Control Register A
(RX_CTL_A) is used by hardware to block received data from going into func-
tional path. This means that when loopback is enabled in BIST mode hard-
ware cannot detect hard reset.
This bit also powers up the BMC transmitter for BIST mode operation. Soft-
ware should set this bit for a sufficient amount of time (5us) before trigger
transmission of BIST frame via BIST_TX_START/BIST_TX_STATUS.
R/W
0b
2:0
BIST_TX_MODE
Set BIST Test Mode. Only the following mode is supported:
010b: BIST Carrier Test Mode-2 (alternating '1's and '0's)
All other modes are reserved and should not be used.
R/W
000b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com