Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 171 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 171 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 167Page - Microchip Technology UPD360 Datasheet HTML 168Page - Microchip Technology UPD360 Datasheet HTML 169Page - Microchip Technology UPD360 Datasheet HTML 170Page - Microchip Technology UPD360 Datasheet HTML 171Page - Microchip Technology UPD360 Datasheet HTML 172Page - Microchip Technology UPD360 Datasheet HTML 173Page - Microchip Technology UPD360 Datasheet HTML 174Page - Microchip Technology UPD360 Datasheet HTML 175Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 171
UPD360
12.0
USB PORT POWER CONTROLLER (PPC)
The device’s USB Port Power Controller (PPC) provides 3.0 A of continuous current (3.2 A max) on VBUS with precision
over-current limiting (OCL), under- and over-voltage lockout, and dynamic thermal management. The PPC also includes
a VBUS discharge function and constant current mode current limiting for BC 1.2 applications.
12.1
PPC Power States
The PPC provides the following power states:
• Sleep: This is the lowest PPC power state available. See Section 12.1.1, "Sleep State Operation" for additional
information.
• Error: This state is entered when a fault condition exists. The PPC interrupt status registers detail the error condi-
tion. See Section 12.1.3, "Error State Operation" for additional information.
• Active: In this state, the PPC is active and sourcing current to VBUS. No errors are present. This power state pro-
vides full functionality. While in this state, operations include activation of the port power switch and current limit-
ing. See Section 12.1.2, "Active State Operation" for additional information.
12.1.1
SLEEP STATE OPERATION
The PWR_EN pin (UPD360-A/UPD360-B operating in standalone DFP mode only) may be used to cause the PPC to
enter/exit sleep. When the PPC is in the Sleep state, the device will be in its lowest power state. The bypass switch, and
the port power switch will be disabled. VBUS will be near ground potential.
12.1.2
ACTIVE STATE OPERATION
When the PPC enters the Active state, the port power switch is closed. The PPC cannot be in the Active state (and
therefore, the port power switch cannot be turned on) if any of the following conditions exist:
• VS < VS_UVLO (2.5 V).
• PWR_EN is disabled (standalone DFP mode only).
12.1.3
ERROR STATE OPERATION
The PPC will enter the Error state from the Active state when any of the following events are detected:
• The maximum allowable internal die temperature tTSD has been exceeded.
• An over-current condition has been detected.
• An under-voltage condition on VS has been detected (see Section 12.2.1, "Under-Voltage Lockout on VS").
• A discharge error has been detected.
• An over-voltage condition on the VS pin.
When the PPC enters the Error state, the port power switch and the VBUS bypass switch will be disabled, and ALERT
is asserted (by default). They will remain off while in this power state. The PPC will leave this state as determined by
the fault handling selection.
With the Auto-recovery fault handler, the PPC will check that all of the error conditions have been removed. If all of the
error conditions have been removed, the PPC will return to the Active state. The ERR_RECOVER pin is used in stand-
alone DFP mode to select the auto-recovery algorithm.
12.2
Supply Voltages
12.2.1
UNDER-VOLTAGE LOCKOUT ON VS
The PPC requires a minimum voltage VS_UVLO (2.5 V) be present on the VS pin for the Active power state.
Note:
The PPC DC and AC parameters can be seen in Table 16-6, “Port Power Controller DC Parameters,” on
page 209 and Table 16-12, “Port Power Controller AC Parameters,” on page 212, respectively.
Note:
The PPC power state is reflected in the PWR_STATE[1:0] field of the PPC General Configuration 3 Reg-
ister (PPC_GENERAL_CFG3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com