Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 170 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 170 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 166Page - Microchip Technology UPD360 Datasheet HTML 167Page - Microchip Technology UPD360 Datasheet HTML 168Page - Microchip Technology UPD360 Datasheet HTML 169Page - Microchip Technology UPD360 Datasheet HTML 170Page - Microchip Technology UPD360 Datasheet HTML 171Page - Microchip Technology UPD360 Datasheet HTML 172Page - Microchip Technology UPD360 Datasheet HTML 173Page - Microchip Technology UPD360 Datasheet HTML 174Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 221 page
background image
UPD360
DS00002084C-page 170
 2016-2017 Microchip Technology Inc.
11.4.5.3
BIST Error Count High Register (BIST_ERR_CNT_HI)
11.4.5.4
BIST Error Count Low Register (BIST_ERR_CNT_LO)
11.4.5.5
BIST RX Status Register (BIST_RX_STAT)
This register is used to help with functional testing. Hardware is configured to transmit BIST PRBS frames. At the same
time, loopback mode is enabled and BIST receive mode is enabled. Now when a PRBS frame is transmitted it is also
received and compared. This register provides information when the BIST PRBS frame is done receiving and whether
there were any errors detected.
Address:
1AC2h
Size:
8 bits
Bits
Description
Type
Default
7:0
BIST_ERR_CNT_HI[7:0]
Upper byte of BIST error count (bits 15-8) (BIST_ERR_CNT[15:8])
RO
00h
Address:
1AC3h
Size:
8 bits
Bits
Description
Type
Default
7:0
BIST_ERR_CNT_LO[7:0]
Lower byte of BIST error count (bits 7-0) (BIST_ERR_CNT[7:0])
RO
00h
Address:
1AC7h
Size:
8 bits
Bits
Description
Type
Default
7:2
RESERVED
RO
-
1
BIST_RX_ERROR
This bit is valid only when BIST_RX_DONE bit is set.
A value of “0” indicates that BIST PRBS frame was received without errors.
A value of “1” indicates that BIST PRBS frame was received with errors.
RO
0b
0
BIST_RX_DONE
Successfully received a BIST RX FRAME.
Writing a “1” to this bit will clear it.
R/W1C
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com