Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 166 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 166 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 162Page - Microchip Technology UPD360 Datasheet HTML 163Page - Microchip Technology UPD360 Datasheet HTML 164Page - Microchip Technology UPD360 Datasheet HTML 165Page - Microchip Technology UPD360 Datasheet HTML 166Page - Microchip Technology UPD360 Datasheet HTML 167Page - Microchip Technology UPD360 Datasheet HTML 168Page - Microchip Technology UPD360 Datasheet HTML 169Page - Microchip Technology UPD360 Datasheet HTML 170Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 221 page
background image
UPD360
DS00002084C-page 166
 2016-2017 Microchip Technology Inc.
11.4.4.9
BMC RX Squelch Assert Time Register (BMC_RX_SQL_ASSERT_TIME)
The value of this register is used by the BMC decoder to determine when there is a valid signal. If three edges of the
receive signal are seen within this time, then the “squelch” goes active. This time should take into account the minimum
bit rate but does not need to account for the duty cycle distortion of the received signal.
11.4.4.10
BMC RX Squelch Hold Time Register (BMC_RX_SQL_HOLD_TIME)
The value of this register is used by the BMC decoder to provide time for the CDR circuit to output the final bit of data.
A typical hold time would be 1 maximum half bit time pulse desired tolerance.
Address:
1AA8h
Size:
8 bits
Bits
Description
Type
Default
7:0
BMC_RX_SQL_ASSERT_TIME
Time in clock cycles x 4 at minimum bit-rate.
assert time uS = (BMC_RX_SQL_ASSERT_TIME x 4 + 1) / clock_freq MHz
A typical assert time would be 3 maximum half bit times plus desired toler-
ance.
Note:
A value of 70 (decimal) is recommended for this field.
R/W
00h
Address:
1AA9h
Size:
8 bits
Note:
The Squelch Drop time is based on the BMC RX Maximum High and Low Time registers.
Bits
Description
Type
Default
7:0
BMC_RX_SQL_HOLD_TIME
Time in clock cycles x 4 at minimum bit-rate.
hold time uS = (BMC_RX_SQL_HOLD_TIME x 4 + 1) / clock_freq MHz
typical value = ((1 / 2) * ((clock_freq_KHz / min_bit_rate_Kbps) *
(100 + tolerance) / 100) - 1) / 4
Note:
A value of 23 (decimal) is recommended for this field.
R/W
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com