Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 162 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 162 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 158Page - Microchip Technology UPD360 Datasheet HTML 159Page - Microchip Technology UPD360 Datasheet HTML 160Page - Microchip Technology UPD360 Datasheet HTML 161Page - Microchip Technology UPD360 Datasheet HTML 162Page - Microchip Technology UPD360 Datasheet HTML 163Page - Microchip Technology UPD360 Datasheet HTML 164Page - Microchip Technology UPD360 Datasheet HTML 165Page - Microchip Technology UPD360 Datasheet HTML 166Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 221 page
background image
UPD360
DS00002084C-page 162
 2016-2017 Microchip Technology Inc.
11.4.3.12
Reset Control Register (RESET_CTL)
Address:
1A8Bh
Size:
8 bits
Bits
Description
Type
Default
7
SW_RESET
Software generated PD MAC reset. Software can use this bit to reset the PD
MAC to its POR state.
Software should toggle this bit, i.e., set it and clear it. After clearing this bit,
software will have to re initialize the PD MAC, including the BMC registers.
This bit is reset by RESET_N.
R/W
0b
6
BMC_SW_RESET
Software generated BMC reset. Software can use this bit to reset the BMC
encoder/decoder to its POR state.
Software should toggle this bit, i.e., set it and clear it. The BMC registers are
NOT affected by this reset.
R/W
0b
5:1
RESERVED
RO
-
0
PD_RESET
Software should set this bit when it is done processing a PD Hard Reset,
Cable Reset or Cable Reset so hardware can return to PD Reset state. Soft-
ware should toggle this bit, i.e., set it and clear it.
The following are reset by PD_RESET:
• RX_CTL FSM goes to POR state except Hard and Cable Reset process-
ing remains enabled if it was previously enabled by enabling the receiver.
• TX_CTL FSM goes to POR state.
• TX parallel to serial and 4b5b encoder
• TX Control Register B (TX_CTL_B) GO, TX_HARD_RESET, TX_CA-
BLE_RESET bits
• TX Parameters Register A (TX_PARAM_A) EN_FWTX bit
The following are not reset:
• All PD MAC registers, except as listed above.
• Various TX packet counters are NOT reset (NUM_PD_PACKETS_SENT,
NUM_MISSING_GCRC_MSG, NUM_MISSING_GCRC_MSG_SENT).
• Various RX packet counters are NOT reset (RX_BADCRC_PKT_CNT,
RX_DUP_PKT_CNT, NUM_PD_PACKETS_RECVD).
• RX FIFO is NOT reset.
• RX CDR, 4b5b decoder, and CRC are not reset.
• TX IFG timer and CRC are not reset.
• BIST and Power Management functions are not reset.
• BMC encoder/decoder.
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com