Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 158 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 158 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 154Page - Microchip Technology UPD360 Datasheet HTML 155Page - Microchip Technology UPD360 Datasheet HTML 156Page - Microchip Technology UPD360 Datasheet HTML 157Page - Microchip Technology UPD360 Datasheet HTML 158Page - Microchip Technology UPD360 Datasheet HTML 159Page - Microchip Technology UPD360 Datasheet HTML 160Page - Microchip Technology UPD360 Datasheet HTML 161Page - Microchip Technology UPD360 Datasheet HTML 162Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 221 page
background image
UPD360
DS00002084C-page 158
 2016-2017 Microchip Technology Inc.
11.4.3.5
Power Management Interrupt Status Register (PM_IRQ_STAT)
This register reflects the status of various PM_IRQ_STAT sources. Whether an interrupt is generated or not depends
on the values in the Power Management Interrupt Enable and Control Register (PM_IRQ_EN).
Bits in this register are set by hardware and must be cleared by software.
11.4.3.6
RX SOP Interrupt Status Register (RX_SOP_IRQ_STAT)
This register reflects the status of the occurrence of various received SOP types. The SOP type does not need to be
enabled via the RX Control Register B (RX_CTL_B) in order for a status bit to be set. Whether an interrupt is generated
or not depends on the value of the RX SOP Interrupt Enable Register (RX_SOP_IRQ_EN).
The bits in this register are not cascaded into the RX Interrupt Status Register but instead are enabled and OR'ed into
their own interrupt signal output.
Bits in this register are set by hardware and must be cleared by software.
Address:
1A84h
Size:
8 bits
Bits
Description
Type
Default
7:1
RESERVED
RO
-
0
UPD_ACT_WS
USB PD activity detected. Set asynchronously by assertion of the receive
input signal at the beginning of any activity.
To prevent metastability this interrupt should only be enabled when software
plans to stop the clocks.
Clearing the USB_PD_ACT_WS_EN bit will actually prevent this bit from
being set unlike the other interrupt status bits.
This bit is not affected by either UPD_CLK_STOP_EN or UPD_WU_EN.
USB PD Activity status is available in other register bits during normal opera-
tion.
R/W1C
0b
Address:
1A85h
Size:
8 bits
Bits
Description
Type
Default
7:5
RESERVED
RO
-
4:0
RX_SOP
Hardware detected valid SOP framing sequence.
Bit 0: SOP
Bit 1: SOP'
Bit 2: SOP''
Bit 3: SOP'_Debug
Bit 4: SOP''_Debug
R/W1C
00000b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com