Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 169 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 169 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 165Page - Microchip Technology UPD360 Datasheet HTML 166Page - Microchip Technology UPD360 Datasheet HTML 167Page - Microchip Technology UPD360 Datasheet HTML 168Page - Microchip Technology UPD360 Datasheet HTML 169Page - Microchip Technology UPD360 Datasheet HTML 170Page - Microchip Technology UPD360 Datasheet HTML 171Page - Microchip Technology UPD360 Datasheet HTML 172Page - Microchip Technology UPD360 Datasheet HTML 173Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 169
UPD360
11.4.5.2
BIST Control Register B (BIST_CTL_B)
Address:
1AC1h
Size:
8 bits
Bits
Description
Type
Default
7:3
RESERVED
RO
-
2
BIST_CLR_ERR_CNT
Clears the BIST error count registers BIST Error Count High Register
(BIST_ERR_CNT_HI) and BIST Error Count Low Register (BIST_ER-
R_CNT_LO).
WO
0b
1
BIST_TX_RST
Reset the TX logic and PRBS generator. Software must set this bit once
before starting the BIST test, i.e., setting BIST_TX_START/BIST_TX_STA-
TUS bit for the first time.
Since this bit resets the PRBS generator it should not be set again until the
current BIST test is ended.
This bit is not latched and will always read '0'
The PRBS generator cannot be reset by BIST_TX_START/BIST_TX_STA-
TUS because that would reset it for each TX BIST frame.
This bit should be used to stop the continuous BIST TX mode (2). It may take
up to 1 bit time for the TX to stop. BIST_EN should not be cleared until after
this time.
Note:
If this bit is set simultaneously with BIST_TX_START/BIST_TX-
_STATUS, it takes precedence and will void BIST_TX_START/
BIST_TX_STATUS.
WO
0b
0
BIST_TX_START/BIST_TX_STATUS
Start BIST transmission. Setting this bit will trigger transmission of BIST
frame.
This bit is not latched and reading it will return the status of current BIST
transmission.
Depending on BIST Mode, transmission will either continue indefinitely
(unless BIST_TX_RST is asserted) or stop after sending a BIST PRBS frame.
BIST does not support sending of next BIST frame automatically. It must be
triggered by software by first clearing and then re-setting this bit.
Note:
This bit cannot be set simultaneously with BIST_TX_RST.
BIST_TX_RST has precedence and will void BIST_TX_START/
BIST_TX_STATUS.
In BIST RX mode, hardware will automatically send the BIST Error Count
message if the EN_AUTO_RSP_MODE bit in the TX Control Register A
(TX_CTL_A) is set.
WO/RO
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com