Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 167 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 167 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 163Page - Microchip Technology UPD360 Datasheet HTML 164Page - Microchip Technology UPD360 Datasheet HTML 165Page - Microchip Technology UPD360 Datasheet HTML 166Page - Microchip Technology UPD360 Datasheet HTML 167Page - Microchip Technology UPD360 Datasheet HTML 168Page - Microchip Technology UPD360 Datasheet HTML 169Page - Microchip Technology UPD360 Datasheet HTML 170Page - Microchip Technology UPD360 Datasheet HTML 171Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 167
UPD360
11.4.4.11
BMC TX Bit-Time Count Register (BMC_TX_BITTIME_CNT)
11.4.4.12
BMC Transition Window Time Register (BMC_TRANSITION_WINDOW_TIME)
The value of this register is used by the BMC decoder to determine when the line is IDLE. Detection is active when 3
transitions occur at the receiver within a time window of BMC_TRANSITION_WINDOW_TIME. After waiting
BMC_TRANSITION_WINDOW_TIME without detecting 3 transitions, the bus is considered idle. The USB PD Specifi-
cation calls for 12uS minimum and 20uS maximum.
Address:
1AB0h
Size:
8 bits
Bits
Description
Type
Default
7:0
BMC_TX_BIT_TIME_CNT
Bit-time counter value. The BMC encoder uses this value to determine the bit-
timing for the last bit of data. This register can be used to adjust bit-time for
testing purpose (adjusting bitrate).
Count value is based on clock frequency and is given by:
((Clock Freq KHz / Bit Rate Kbps) - 1)
i.e.,
Clock Frequency = 48000KHz (48MHz)
Nominal Bit Rate = 300 Kbps
bit_time_cnt = (48000 / 300) - 1 = 159
Note:
A value of 159 (decimal) is recommended for this field.
R/W
00h
Address:
1AB1h
Size:
8 bits
Bits
Description
Type
Default
7:0
BMC_TRANSITION_WINDOW_TIME
Time in clock cycles x 4
transition time uS = (BMC_TRANSITION WINDOW_TIME x 4) / clock_freq
MHz
Per the USB PD Specification, this value should be set between 12uS and
20uS. This would be a value between 144 and 240 at 48MHz.
Note:
Unlike the TX Turnaround Time Register (TX_TA_TIME), this hard-
ware does not use a pre-scaler, therefore the time specified is
accurate.
Note:
A value of 200 (decimal) is recommended for this field.
R/W
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com