Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 173 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 173 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 169Page - Microchip Technology UPD360 Datasheet HTML 170Page - Microchip Technology UPD360 Datasheet HTML 171Page - Microchip Technology UPD360 Datasheet HTML 172Page - Microchip Technology UPD360 Datasheet HTML 173Page - Microchip Technology UPD360 Datasheet HTML 174Page - Microchip Technology UPD360 Datasheet HTML 175Page - Microchip Technology UPD360 Datasheet HTML 176Page - Microchip Technology UPD360 Datasheet HTML 177Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 173
UPD360
1.
The port power switch will be turned off (trip action).
2.
The PPC will enter the Error state and assert ALERT.
3.
The fault handling circuitry will then determine subsequent actions.
Figure 12-1 shows operation of current limits in trip mode with the shaded area representing the USB 2.0 specified
VBUS range. Dashed lines indicate the port power switch output will go to zero (e.g., trip) when ILIM is exceeded. Note
that operation at all possible values of ILIM are shown in Figure 12-1 for illustrative purposes only; in actual operation
only one ILIM can be active at any time.
FIGURE 12-1:
TRIP CURRENT LIMITING OPERATION
5
4
3
2
1
0.53
1.07
1.6
2.67
3.2
5.25
4.75
IBUS (Amps)
Operating
Current
0
0
0.96
1.28
1.28
1.07
0.96
0.53
1.6
3.2
2.13
2.67
= ILIM’s
2.13
Power Switch Voltage and Current Output
go to Zero when ILIM is Exceeded
Trip action
(ILIM = 0.53 A)
Trip action
(ILIM = 3.2 A)
ILIM (Amps)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com