Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 176 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 176 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 172Page - Microchip Technology UPD360 Datasheet HTML 173Page - Microchip Technology UPD360 Datasheet HTML 174Page - Microchip Technology UPD360 Datasheet HTML 175Page - Microchip Technology UPD360 Datasheet HTML 176Page - Microchip Technology UPD360 Datasheet HTML 177Page - Microchip Technology UPD360 Datasheet HTML 178Page - Microchip Technology UPD360 Datasheet HTML 179Page - Microchip Technology UPD360 Datasheet HTML 180Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 221 page
background image
UPD360
DS00002084C-page 176
 2016-2017 Microchip Technology Inc.
12.5
Port Power Controller Registers
This section details the Port Power Controller registers. For an overview of the entire device register map, refer to Sec-
tion 4.0, "Register Map," on page 19.
TABLE 12-1:
PORT POWER CONTROLLER REGISTER MAP
Address
Register Name (Symbol)
0400h
PPC VBUS Current Measurement Register (PPC_VBUS_CURRENT)
0401h
Reserved for future expansion
0402h
PPC VBUS Port Status Register (PPC_VBUS_PORT_STS)
0403h
PPC Interrupt Status Register 1 (PPC_INT_STS1)
0404h
PPC Interrupt Status Register 2 (PPC_INT_STS2)
0405h – 040Eh
Reserved for future expansion
040Fh
PPC General Status Register (PPC_GENERAL_STS)
0410h
Reserved for future expansion
0411h
PPC General Configuration 1 Register (PPC_GENERAL_CFG1)
0412h
Reserved for future expansion
0413h
PPC General Configuration 3 Register (PPC_GENERAL_CFG3)
0414h
PPC Current Limit Register (PPC_CURRENT_LIMIT)
0415h – 07FFh
Reserved for future expansion
Note:
RESERVED address space must not be written under any circumstances. Failure to heed this warn-
ing may result in untoward operation and unexpected results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com