Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 177 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 177 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 173Page - Microchip Technology UPD360 Datasheet HTML 174Page - Microchip Technology UPD360 Datasheet HTML 175Page - Microchip Technology UPD360 Datasheet HTML 176Page - Microchip Technology UPD360 Datasheet HTML 177Page - Microchip Technology UPD360 Datasheet HTML 178Page - Microchip Technology UPD360 Datasheet HTML 179Page - Microchip Technology UPD360 Datasheet HTML 180Page - Microchip Technology UPD360 Datasheet HTML 181Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 177
UPD360
12.5.1
PPC VBUS CURRENT MEASUREMENT REGISTER (PPC_VBUS_CURRENT)
This register stores the measured current value delivered to the external device via the VBUS pin. This value is updated
continuously while the device is in the Active power state. The bit weights are in mA and the range is from 0mA to
3400mA (1 LSB = 13.3mA).
This data will be cleared whenever the port power switch is turned off (or any time that VBUS is discharged).
Note:
This register’s data is not intended for use when current is <100mA.
12.5.2
PPC VBUS PORT STATUS REGISTER (PPC_VBUS_PORT_STS)
Address:
0400h
Size:
8 bits
Bits
Description
Type
Default
7
1706.2 mA
RO
0b
6
853.1 mA
RO
0b
5
426.6 mA
RO
0b
4
213.3 mA
RO
0b
3
106.6 mA
RO
0b
2
53.3 mA
RO
0b
1
26.7 mA
RO
0b
0
13.3 mA
RO
0b
Address:
0402h
Size:
8 bits
Bits
Description
Type
Default
7
RESERVED
RO
-
6
ALERT
This bit is asserted when an error (ERR) occurs in the PPC. It also asserts the
PPC_INT bit in the Interrupt Status Register (INT_STS), if enabled.
This bit can also be configured to assert when the LOW_CUR (portable
device is pulling less current and may be finished charging) bit is set and
linked via the ALERT_LINK bit. The ALERT bit is de-asserted when all error
conditions that may assert it (error condition, and LOW_CUR if linked) have
been removed or reset as necessary.
RO
0b
5
RESERVED
RO
-
4
CC_MODE
Indicates that the IBUS current on VBUS has exceeded ILIM and sourcing
Region 2.
RO
0b
3:0
RESERVED
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com