Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 178 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 178 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 174Page - Microchip Technology UPD360 Datasheet HTML 175Page - Microchip Technology UPD360 Datasheet HTML 176Page - Microchip Technology UPD360 Datasheet HTML 177Page - Microchip Technology UPD360 Datasheet HTML 178Page - Microchip Technology UPD360 Datasheet HTML 179Page - Microchip Technology UPD360 Datasheet HTML 180Page - Microchip Technology UPD360 Datasheet HTML 181Page - Microchip Technology UPD360 Datasheet HTML 182Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 221 page
background image
UPD360
DS00002084C-page 178
 2016-2017 Microchip Technology Inc.
12.5.3
PPC INTERRUPT STATUS REGISTER 1 (PPC_INT_STS1)
Address:
0403h
Size:
8 bits
Bits
Description
Type
Default
7
ERR
Indicates that an error was detected on the VBUS pin and the PPC has
entered the Error state. Writing this bit to “1” will clear the Error state and
allows the PPC to return to the Active state. When written to “1”, all error con-
ditions are checked. If all error conditions have been removed, the PPC
returns to the Active state. This bit is set automatically by the PPC when the
Error state is entered. If any other bit is set in this register, the device will not
leave the Error state.
0: No errors are detected
1: One or more errors have been detected and the PPC has entered the Error
state.
R/W1C
0b
6
RESERVED
RO
-
5
RESET
Indicates that the PPC has just been reset and should be re-programmed.
This bit will set at power-up. This bit is cleared when written with “1” or when
the PWR_EN pin (UPD360-A/UPD360-B only) is toggled (standalone DFP
mode only). The ALERT bit is asserted when this bit is set. This data is
retained in the Sleep state.
R/W1C
0b
4
MIN_KEEP_OUT
Indicates that the V-I output on the VBUS pin has dropped below VBUS_MIN.
This bit will be cleared when written with “1” if the error condition has been
removed or if the ERR bit is cleared. This bit will cause ALERT to be asserted
and the device to enter the Error state.
R/W1C
0b
3
TSD
Indicates that the internal temperature has exceeded tTSD threshold and the
device has entered the Error state. This bit will be cleared when written with
“1” if the error condition has been removed or if the ERR bit is cleared. This bit
will cause ALERT to be asserted and the device to enter the Error state.
R/W1C
0b
2
OVER_VOLT
Indicates that the VS voltage has exceeded the VS_OV threshold and the
device has entered the Error state. This bit will be cleared when written with
“1” if the error condition has been removed or if the ERR bit is cleared. This bit
will cause ALERT to be asserted and the device to enter the Error state.
R/W1C
0b
1
RESERVED
R/W1C
0b
0
OVER_ILIM
Indicates that the IBUS current has exceeded both the ILIM threshold (PPC
Current Limit Register (PPC_CURRENT_LIMIT)) and the IBUS_R2MIN1 thresh-
old settings (to cover the CC case) on the VBUS pin. This bit will be cleared
when written with “1” if the error condition has been removed or if the ERR bit
is cleared. This bit will cause ALERT to be asserted and the device to enter
the Error state.
R/W1C
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com