Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 182 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 182 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 178Page - Microchip Technology UPD360 Datasheet HTML 179Page - Microchip Technology UPD360 Datasheet HTML 180Page - Microchip Technology UPD360 Datasheet HTML 181Page - Microchip Technology UPD360 Datasheet HTML 182Page - Microchip Technology UPD360 Datasheet HTML 183Page - Microchip Technology UPD360 Datasheet HTML 184Page - Microchip Technology UPD360 Datasheet HTML 185Page - Microchip Technology UPD360 Datasheet HTML 186Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 221 page
background image
UPD360
DS00002084C-page 182
 2016-2017 Microchip Technology Inc.
13.0
POWER SWITCH
To enable the device to efficiently support dead battery use cases, an integrated power switch is provided to select
between two external +3.3V supplies:
• 3V3_ALW: +3.3V main power supply input to integrated power switch.
• 3V3_VBUS: +3.3V power supply input derived from VBUS to the integrated power switch.
The power switch allows the core to be powered from 3V3_ALW normally, and from 3V3_VBUS when 3V3_ALW is not
present. This effectively allows connection detection and system wakeup without external processor intervention (exter-
nal processor in sleep mode).
Attached to 3V3_ALW and 3V3_VBUS are two FET switches. The first FET switches have a diode across the output.
There are three voltage comparators. VBUS_PWRGD is on when 3V3_VBUS exceeds 2.7V. 3V3_ALW_PWRGD is on
when 3V3_ALW exceeds 2.7V. VCORE_PWRGD is on when the core voltage reaches an operational level.
If VCORE_PWRGD is not asserted, the part is held in reset. If both VBUS_PWRGD and 3V3_ALW_PWRGD are not
asserted, the part is held in reset, regardless of the state of the VCORE_PWRGD.
A block diagram of the internal power switch can be seen in Figure 13-1.
FIGURE 13-1:
POWER SWITCH BLOCK DIAGRAM
G
3V3_ALW
3V3_VBUS
VSW
LDO
A
B
C
D
3V3_VBUS _PWRGD
3V3_ALWAYS _PWRGD
VCORE_PWRGD
SWITCH
CONTROL
3V3_ALWAYS_PWRGD
3V3_VBUS_PWRGD
VCORE_PWRGD
A
C
D
B
1.8V Analog
1.8V Core
EN
VMUX_PWRGD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com