Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 185 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 185 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 181Page - Microchip Technology UPD360 Datasheet HTML 182Page - Microchip Technology UPD360 Datasheet HTML 183Page - Microchip Technology UPD360 Datasheet HTML 184Page - Microchip Technology UPD360 Datasheet HTML 185Page - Microchip Technology UPD360 Datasheet HTML 186Page - Microchip Technology UPD360 Datasheet HTML 187Page - Microchip Technology UPD360 Datasheet HTML 188Page - Microchip Technology UPD360 Datasheet HTML 189Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 185
UPD360
13.1.3
VBUS ONLY POWERS UP
This is the opposite example from the previous case. In this case, only VBUS powers up (3V3_ALW_PWRGD = 0
throughout, and VBUS_PWRGD = 1 when the threshold is hit). Once VBUS_PWRGD is valid, the internal regulator is
turned on and normal operation begins. At no time during this process is the 3V3_ALW rail back driven.
FIGURE 13-5:
POWER SWITCH: VBUS ONLY POWER UP STEP ONE
FIGURE 13-6:
POWER SWITCH: VBUS ONLY POWER UP STEP TWO
G
3V3_ALW
3V3_VBUS
VSW
A
B
C
D
3V3_VBUS_PWRGD=1
3V3_ALWAYS_PWRGD=0
3V3_VBUS-0.7V
LDOs
VCORE_PWRGD
1.8V Analog
1.8V Core
EN
VMUX_PWRGD
SWITCH
CONTROL
3V3_ALWAYS_PWRGD
3V3_VBUS_PWRGD
VCORE_PWRGD
A
C
D
B
3V3_ALW
3V3_VBUS
VSW
A
B
C
D
3V3_VBUS_PWRGD=1
3V3_ALWAYS_PWRGD=0
SWITCH
CONTROL
3V3_ALWAYS_PWRGD
3V3_VBUS_PWRGD
VCORE_PWRGD
A
C
D
B
3V3_VBUS
LDOs
VCORE _PWRGD
1.8V Analog
1.8V Core
EN
VMUX_PWRGD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com