Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 181 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 181 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 177Page - Microchip Technology UPD360 Datasheet HTML 178Page - Microchip Technology UPD360 Datasheet HTML 179Page - Microchip Technology UPD360 Datasheet HTML 180Page - Microchip Technology UPD360 Datasheet HTML 181Page - Microchip Technology UPD360 Datasheet HTML 182Page - Microchip Technology UPD360 Datasheet HTML 183Page - Microchip Technology UPD360 Datasheet HTML 184Page - Microchip Technology UPD360 Datasheet HTML 185Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 181
UPD360
12.5.7
PPC GENERAL CONFIGURATION 3 REGISTER (PPC_GENERAL_CFG3)
12.5.8
PPC CURRENT LIMIT REGISTER (PPC_CURRENT_LIMIT)
This register controls the ILIM used by the port power switch. The contents of this register are retained in the Sleep state.
Refer to Section 12.3.1, "Current Limiting," on page 172 for additional information.
Note 12-1
When operating in Standalone DFP modes (UPD360-A/UPD360-B only), the default is defined by the
PWR_CAP0 and PWR_CAP1 pins.
Address:
0413h
Size:
8 bits
Bits
Description
Type
Default
7
PIN_IGNORE
When set, ignores the PWR_EN pin state (UPD360-A/UPD360-B only) when
determining the Active mode selection and power state.
R/W
0b
6:5
RESERVED
RO
-
4:3
PWR_STATE[1:0]
This field indicates the current PPC power state as detailed below. These bits
are set and cleared automatically as the power state changes.
00: Sleep
01: Detect
10: Active
11: Error
R/W
00b
2
BOOST#
Indicates that the IBUS current is >2.0A on VBUS.
R/W
0b
1:0
RESERVED
RO
-
Address:
0414h
Size:
8 bits
Bits
Description
Type
Default
7:3
RESERVED
RO
-
2:0
ILIM_VBUS[2:0]
Sets the ILIM value as follows:
000: 530 mA
001: 960 mA
010: 1070 mA
011: 1280 mA
100: 1600 mA
101: 2130 mA
110: 2670 mA
111: 3200 mA
R/W
Note 12-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com