Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 180 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 180 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 176Page - Microchip Technology UPD360 Datasheet HTML 177Page - Microchip Technology UPD360 Datasheet HTML 178Page - Microchip Technology UPD360 Datasheet HTML 179Page - Microchip Technology UPD360 Datasheet HTML 180Page - Microchip Technology UPD360 Datasheet HTML 181Page - Microchip Technology UPD360 Datasheet HTML 182Page - Microchip Technology UPD360 Datasheet HTML 183Page - Microchip Technology UPD360 Datasheet HTML 184Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 221 page
background image
UPD360
DS00002084C-page 180
 2016-2017 Microchip Technology Inc.
12.5.6
PPC GENERAL CONFIGURATION 1 REGISTER (PPC_GENERAL_CFG1)
Address:
0411h
Size:
8 bits
Bits
Description
Type
Default
7
ALERT_MASK
Masks errors for all interrupts in the PPC Interrupt Status Register 1
(PPC_INT_STS1), except OVER_ILIM and TSD.
0: The ALERT bit in the PPC VBUS Port Status Register
(PPC_VBUS_PORT_STS) will be asserted if an error condition or indicator
even is detected.
1: The ALERT bit in the PPC VBUS Port Status Register
(PPC_VBUS_PORT_STS) will only assert if OVER_ILIM or TSD is detected.
R/W
0b
6
ALERT_LINK
Links the ALERT bit in the PPC VBUS Port Status Register
(PPC_VBUS_PORT_STS) to be asserted when the LOW_CUR bit is
asserted.
0: The ALERT bit in the PPC VBUS Port Status Register
(PPC_VBUS_PORT_STS) will not be asserted if the LOW_CUR indicator bit
is asserted.
1: The ALERT bit in the PPC VBUS Port Status Register
(PPC_VBUS_PORT_STS) will be asserted if the LOW_CUR indicator bit is
asserted.
R/W
0b
5
DISCHARGE
Forces the VBUS pin to be reset and discharged when the PPC is in the
Active state. Writing this bit to a logic “1” will cause the port power switch to be
opened and the discharge circuitry to activate to discharge VBUS. The port
power switch will remain open with the 100 ohm short to GND per the tDIS-
CHARGE time in the DISCHARGE_TIME_SEL[1:0] field. This bit is self-clear-
ing.
R/W
0b
4
PWR_EN_SET
Controls whether the port power switch may be turned on or not and affects
the power state. This bit is OR’ed with the PWR_EN pin (standalone DFP
mode only). Thus, either the PWR_EN pin or this bit must be ‘1’ to enable the
port power switch.
R/W
0b
3:2
DISCHARGE_TIME_SEL[1:0]
This field sets the tDISCHARGE time as follows:
00: 100 ms
01: 200 ms (default)
10: 300 ms
11: 400 ms
R/W
01b
1:0
RESERVED
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com