Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 175 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 175 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 171Page - Microchip Technology UPD360 Datasheet HTML 172Page - Microchip Technology UPD360 Datasheet HTML 173Page - Microchip Technology UPD360 Datasheet HTML 174Page - Microchip Technology UPD360 Datasheet HTML 175Page - Microchip Technology UPD360 Datasheet HTML 176Page - Microchip Technology UPD360 Datasheet HTML 177Page - Microchip Technology UPD360 Datasheet HTML 178Page - Microchip Technology UPD360 Datasheet HTML 179Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 175
UPD360
12.3.2
THERMAL MANAGEMENT
The PPC utilizes internal thermal management:
12.3.2.1
Thermal Shutdown
The thermal management consists of a hardware implemented thermal shutdown corresponding to the maximum allow-
able internal die temperature (tTSD). If the internal temperature exceeds this value, the port power switches (both ports)
will immediately be turned off until the temperature is below tTSD - tTSD_HYST.
12.3.3
VBUS DISCHARGE
The PPC will discharge VBUS through an internal 100 Ohm resistor when at least one of the following conditions occurs:
•The PWR_EN control (UPD360-A/UPD360-B only) is disabled (triggered on the inactive edge of the PWR_EN
control) (Standalone DFP mode only).
•The VS voltage drops below a specified threshold VS_UVLO (2.5 V) that causes the port power switch to be dis-
abled.
• When commanded into the Sleep power state.
• Upon recovery from the Error state.
• When commanded via the DISCHARGE bit.
• Any time that the port power switch is activated after the VBUS bypass switch has been on.
• Any time that the VBUS bypass switch is activated after the port power switch has been on.
When the VBUS discharge circuitry is activated, at the end of the tDISCHARGE time, the PPC will confirm that VBUS was
discharged. If the VBUS voltage is not below the VTEST level, a discharge error will be flagged (by setting theVBUS Dis-
charge Error bit in the Power Interrupt Status Register (PWR_INT_STS)) and the PPC will enter the Error state.
12.4
VBUS Bypass Switch
The device contains circuitry to provide VBUS current as shown in Figure 12-3. The VBUS bypass switch and the port
power switch are never both on at the same time.
FIGURE 12-3:
VBUS BYPASS SWITCH
Port Power
Switch
VS
VS
VBUS
VBUS
Bypass
Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com