Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 172 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 172 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 168Page - Microchip Technology UPD360 Datasheet HTML 169Page - Microchip Technology UPD360 Datasheet HTML 170Page - Microchip Technology UPD360 Datasheet HTML 171Page - Microchip Technology UPD360 Datasheet HTML 172Page - Microchip Technology UPD360 Datasheet HTML 173Page - Microchip Technology UPD360 Datasheet HTML 174Page - Microchip Technology UPD360 Datasheet HTML 175Page - Microchip Technology UPD360 Datasheet HTML 176Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 221 page
background image
UPD360
DS00002084C-page 172
 2016-2017 Microchip Technology Inc.
12.2.2
OVER-VOLTAGE DETECTION LOCKOUT ON VS
The port power switch will be disabled if the voltage on the VS pin exceeds a voltage VS_OV for longer than the specified
time tMASK (5 ms). This will cause the device to enter the Error state.
12.2.3
PWR_EN INPUT (UPD360-A/UPD360-B ONLY)
In standalone DFP mode, the PWR_EN pin enables the port power switch to be turned on if conditions are met. The
port power switch cannot be closed if PWR_EN is disabled. However, if PWR_EN is enabled, the port power switch is
not necessarily closed (see Section 12.1.2, "Active State Operation"). The PWR_EN pin state will be ignored by the PPC
if the PIN_IGNORE configuration bit is set. Otherwise, the PWR_EN_SET configuration bit is checked along with the
PWR_EN pin.
12.3
USB Port Power Switch
To assure compliance to USB Type-CTM, the PPC contains a USB port power switch that supports trip current limiting
mode.
The current limit (ILIM) is set via the PWR_CAP0 and PWR_CAP1 pins (UPD360-A/UPD360-B only), and may also be
updated via the PPC Current Limit Register (PPC_CURRENT_LIMIT). The switch also includes soft start circuitry and
a separate short circuit current limit. The port power switch is on in the Active state (except when VBUS is discharging).
12.3.1
CURRENT LIMITING
The current limit (ILIM) is set via the PWR_CAP0 and PWR_CAP1 pins (UPD360-A/UPD360-B only). These pins are
read at device power-up. The current limit can be changed via the PPC Current Limit Register (PPC_CURRENT_LIMIT)
after power-up. However, the programmed current limit cannot exceed the hardware set current limit defined by the
PWR_CAP0 and PWR_CAP1 pins.
The UPD360 is pre-configured with appropriate settings to satisfy the USB Type-C™ current limiting requirements and
no register writes are necessary to use this internal 5V port power controller, when operating in standalone mode.
12.3.1.1
Short Circuit Output Current Limiting
Short circuit current limiting occurs when the output current is above the selectable current limit (PPC Current Limit Reg-
ister (PPC_CURRENT_LIMIT)). This event will be detected and the current will immediately be limited within the
tSHORT_LIM time. If the condition remains, the port power switch will flag an Error condition and enter the Error state.
12.3.1.2
Soft Start
When the PWR_EN control (UPD360-A/UPD360-B only) changes states to enable the port power switch, the PPC
invokes a soft start routine for the duration of the VBUS rise time (tR_BUS). This soft start routine will limit current flow
from VS into VBUS while it is active. This circuitry will prevent current spikes due to a step in the portable device current
draw.
In the case when a portable device is attached while the PWR_EN pin is already enabled (in standalone DFP mode), or
the PWR_EN_SET bit is enabled, if the bus current exceeds ILIM, the PPC current limiter will respond within a specified
time (tSHORT_LIM) and will operate normally at this point. The CBUS capacitor will deliver the extra current, if any, as
required by the load change.
12.3.1.3
Current Limiting Modes
The PPC current limiting operates in trip mode. This mode is active when the port power switch is closed. When oper-
ating in the Detect power state, the current capacity at VBUS is limited to IBUS_BYP”.
12.3.1.3.1
Trip Mode
When using trip current limiting, the PPC USB port power switch functions as a low resistance switch and rapidly turns
off if the current limit is exceeded. While operating using trip current limiting, the VBUS output voltage will be held rela-
tively constant (equal to the VS voltage minus the RON_PSW * IBUS current) for all current values up to the ILIM. If the
internal temperature exceeds tTSD threshold, the port power switch will open.
If the current drawn by a portable device exceeds ILIM, the following occurs:
Note:
If a load that draws between 2 mA and 7 mA is connected to the port power switch, a voltage ripple between
40-90 mVPP is observed at the VBUS output. This behavior is normal and it does not affect the charging
process when a portable device is connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com