Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 152 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 152 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 148Page - Microchip Technology UPD360 Datasheet HTML 149Page - Microchip Technology UPD360 Datasheet HTML 150Page - Microchip Technology UPD360 Datasheet HTML 151Page - Microchip Technology UPD360 Datasheet HTML 152Page - Microchip Technology UPD360 Datasheet HTML 153Page - Microchip Technology UPD360 Datasheet HTML 154Page - Microchip Technology UPD360 Datasheet HTML 155Page - Microchip Technology UPD360 Datasheet HTML 156Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 221 page
background image
UPD360
DS00002084C-page 152
 2016-2017 Microchip Technology Inc.
11.4.2.21
RX FIFO Write Head Pointer Plus One Register (RX_FIFO_WR_HEAD_PTR_PLUS_ONE)
This register contains the RX FIFO write head pointer plus one. This pointer indicates where the next received packet
starts plus one. This register is for debug and test purpose only and should not normally be written.
Software must maintain coherency between this and the other Write Pointer Registers.
There is no hardware holding register to maintain write coherency between this and the other Write Pointer Registers.
It is assumed that this register is only written while there is no active receive.
11.4.2.22
RX FIFO Write Head Pointer Plus One Control Bits Register
(RX_FIFO_WR_HEAD_PTR_PLUS_ONE_CTL_BITS)
This register contains the auxiliary control bits of the RX FIFO write head pointer plus one. This register is for debug and
test purpose only and should not normally be written.
Software must maintain coherency between this and the other Write Pointer Registers.
There is no hardware holding register to maintain write coherency between this and the other Write Pointer Registers.
It is assumed that this register is only written while there is no active receive.
Address:
1A56h
Size:
8 bits
Bits
Description
Type
Default
7
RESERVED
RO
-
6:0
RX_FIFO_WR_HEAD_PTR_PLUS_ONE
This field contains the RX FIFO write head pointer plus one.
R/W
0000001b
Address:
1A57h
Size:
8 bits
Bits
Description
Type
Default
7:1
RESERVED
RO
-
0
RX_FIFO_WR_HEAD_PTR_PLUS_ONE_WRAP
This field toggles each time the RX FIFO write head pointer plus one wraps
past the top of the RAM (location 127).
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com