Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 150 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 150 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 146Page - Microchip Technology UPD360 Datasheet HTML 147Page - Microchip Technology UPD360 Datasheet HTML 148Page - Microchip Technology UPD360 Datasheet HTML 149Page - Microchip Technology UPD360 Datasheet HTML 150Page - Microchip Technology UPD360 Datasheet HTML 151Page - Microchip Technology UPD360 Datasheet HTML 152Page - Microchip Technology UPD360 Datasheet HTML 153Page - Microchip Technology UPD360 Datasheet HTML 154Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 221 page
background image
UPD360
DS00002084C-page 150
 2016-2017 Microchip Technology Inc.
11.4.2.17
RX FIFO Write Current Pointer Register (RX_FIFO_WR_CURRENT_PTR)
This register contains the RX FIFO write current pointer. This pointer indicates where the next received byte of data will
be stored. This register is for debug and test purpose only and should not normally be written.
Software must maintain coherency between this and the other Write Pointer Registers.
There is no hardware holding register to maintain write coherency between this and the other Write Pointer Registers.
It is assumed that this register is only written while there is no active receive.
11.4.2.18
RX FIFO Write Current Pointer Control Bits Register
(RX_FIFO_WR_CURRENT_PTR_CTL_BITS)
This register contains the auxiliary control bits of the RX FIFO write current pointer. This register is for debug and test
purpose only and should not normally be written.
Software must maintain coherency between this and the other Write Pointer Registers.
There is no hardware holding register to maintain write coherency between this and the other Write Pointer Registers.
It is assumed that this register is only written while there is no active receive.
Address:
1A52h
Size:
8 bits
Bits
Description
Type
Default
7
RESERVED
RO
-
6:0
RX_FIFO_WR_CURRENT_PTR
This field contains the RX FIFO write current pointer.
R/W
0000000b
Address:
1A53h
Size:
8 bits
Bits
Description
Type
Default
7
RX_FIFO_FULL
This field indicates that the RX FIFO is full (RX FIFO Write Current Pointer
equals the RX FIFO Read Pointer.)
RO
0b
6:2
RESERVED
RO
-
1
RX_FIFO_WR_CURRENT_PTR_AT_TOP
This field indicates that the RX FIFO write current pointer is at the top of the
RAM (location 127).
RO
0b
0
RX_FIFO_WR_CURRENT_PTR_WRAP
This field toggles each time the RX FIFO write current pointer wraps past the
top of the RAM (location 127).
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com