Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 148 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 148 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 144Page - Microchip Technology UPD360 Datasheet HTML 145Page - Microchip Technology UPD360 Datasheet HTML 146Page - Microchip Technology UPD360 Datasheet HTML 147Page - Microchip Technology UPD360 Datasheet HTML 148Page - Microchip Technology UPD360 Datasheet HTML 149Page - Microchip Technology UPD360 Datasheet HTML 150Page - Microchip Technology UPD360 Datasheet HTML 151Page - Microchip Technology UPD360 Datasheet HTML 152Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 221 page
background image
UPD360
DS00002084C-page 148
 2016-2017 Microchip Technology Inc.
11.4.2.12
RX Last GoodCRC Packet Low Byte Register (RX_LAST_GCRC_PKT_LO)
11.4.2.13
RX Message ID Stored Register (RX_MSG_ID_STORED)
This register indicates if a last message ID was stored for each SOP type. A write to the appropriate bit will clear the
last stored message ID for the SOP type indicated. When cleared, the next packet received for the SOP type will not be
considered a duplicate. Software should clear the appropriate bit when it processes a Soft Reset.
Bits in this register are set by hardware and must be cleared by software.
This register is also cleared when software issues a SW_RESET or PD_RESET via the Reset Control Register
(RESET_CTL).
11.4.2.14
RX Maximum Packet Size Register (RX_MAX_SIZE)
The value of this register sets the maximum receive packet size, including the 4 bytes of CRC.
Address:
1A4Bh
Size:
8 bits
Bits
Description
Type
Default
7:0
RX_LAST_GCRC_PKT_LO
Bits [7:0] of received GoodCRC message.
This register is only valid when auto-retry is enabled. Since GoodCRC mes-
sage in auto-retry mode is not stored in the RX queue, this register provides a
means for software to examine the last GoodCRC message received.
RO
00h
Address:
1A4Ch
Size:
8 bits
Bits
Description
Type
Default
7:5
RESERVED
RO
-
4:0
RX_MSG_ID_STORED
This field indicates that a last message ID was stored for the SOP type.
Bit 0: SOP
Bit 1: SOP'
Bit 2: SOP''
Bit 3: SOP'_Debug
Bit 4: SOP''_Debug
W1C
00000b
Address:
1A4Dh
Size:
8 bits
Bits
Description
Type
Default
7:0
RX_MAX_SIZE
Maximum receive packet size including the 4 byte CRC.
R/W
22h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com