Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 138 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 138 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 134Page - Microchip Technology UPD360 Datasheet HTML 135Page - Microchip Technology UPD360 Datasheet HTML 136Page - Microchip Technology UPD360 Datasheet HTML 137Page - Microchip Technology UPD360 Datasheet HTML 138Page - Microchip Technology UPD360 Datasheet HTML 139Page - Microchip Technology UPD360 Datasheet HTML 140Page - Microchip Technology UPD360 Datasheet HTML 141Page - Microchip Technology UPD360 Datasheet HTML 142Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 221 page
background image
UPD360
DS00002084C-page 138
 2016-2017 Microchip Technology Inc.
11.4.1.9
TX Turnaround Time Register (TX_TA_TIME)
This register controls the IFG timer.
11.4.1.10
TX Abort Status Register (TX_ABORT_STAT)
This field is used in conjunction with the TX_ABORTED interrupt and provides details for why the TX was aborted. Bits
in this register are sticky, i.e., once any bit is set by hardware this field cannot be updated by hardware until software
clears the field.
Address:
1A08h
Size:
8 bits
Bits
Description
Type
Default
7:6
RESERVED
RO
-
5:0
TA_TIME
Turnaround time in us.
Range: 1-63, specification: 25us
A value of 0 is invalid and hardware does not check for validity.
Hardware uses a free running 1us pulse generator, thus, the value of this field
should be 1 more than desired to ensure the minimum time (26d).
R/W
010101b
Address:
1A09h
Size:
8 bits
Note:
Bits in this register are set by hardware and must be cleared by software. The bits are not mutually exclu-
sive, i.e., more than one bit may be set depending on the circumstance.
Bits
Description
Type
Default
7
TX_ABORT_STAT[7]
While waiting for GoodCRC, TX aborted due to Protocol Error (i.e., received
other than GoodCRC or Ping message while waiting for GoodCRC or Receiv-
ing a Hard or Cable Reset.)
R/W1C
0b
6
TX_ABORT_STAT[6]
During software issued TX, TX was aborted due to RX (including Hard or
Cable Reset) while waiting for bus turnaround or waiting for line to go idle.
R/W1C
0b
5
TX_ABORT_STAT[5]
Auto-retry aborted due to RX (including Hard or Cable Reset) while waiting for
bus turnaround or while waiting for line to go idle.
R/W1C
0b
4
TX_ABORT_STAT[4]
Auto-retry aborted due to line being busy after bus turnaround.
R/W1C
0b
3
RESERVED
RO
-
2
TX_ABORT_STAT[2]
During software issued TX, line was busy after bus turnaround.
R/W1C
0b
1
TX_ABORT_STAT[1]
Software issued abort while software issued TX was in process.
R/W1C
0b
0
TX_ABORT_STAT[0]
Software issued GO with TX disabled.
R/W1C
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com