Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 118 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 118 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 114Page - Microchip Technology UPD360 Datasheet HTML 115Page - Microchip Technology UPD360 Datasheet HTML 116Page - Microchip Technology UPD360 Datasheet HTML 117Page - Microchip Technology UPD360 Datasheet HTML 118Page - Microchip Technology UPD360 Datasheet HTML 119Page - Microchip Technology UPD360 Datasheet HTML 120Page - Microchip Technology UPD360 Datasheet HTML 121Page - Microchip Technology UPD360 Datasheet HTML 122Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 221 page
background image
UPD360
DS00002084C-page 118
 2016-2017 Microchip Technology Inc.
The timeout value for CRCReceiveTimer is programmable via the TRECEIVE field in the RX tReceive Time Register
(RX_TRECEIVE_TIME) in multiples of 10 uSec.
This timer can be used by software as the BISTReceiveErrorTimer in the BIST TX mode (the device does not automat-
ically time BISTReceiveError) and as the CRCReceiveTimer when not using automatic retry or wait for GoodCRC
modes.
11.1.8
ABORTING A TX IN PROCESS
Software can abort a transmission that has already started by issuing an abort via the ABORT bit in the TX Control Reg-
ister B (TX_CTL_B). The packet will be aborted as follows based on current phase of transmission:
• If packet transmission had not yet started because the device was waiting for the turn-around timer to expire or
line to become idle, transmission will be aborted immediately.
• If the current phase is Preamble, the device will complete transfer of the current bit, append EOP, and turn the
transmitter off.
• If the current phase is SOP, Data, or CRC, the device will complete transfer of the current nibble, append EOP,
and turn the transmitter off.
A Hard Reset should follow this operation, which is the software's responsibility.
11.2
PD MAC Receiver
The PD MAC receiver is comprised of three major blocks:
• RX Queue
• RX Control
• RX Comm
The RX Queue is where software reads the received messages.
The RX Control implements the necessary control logic. It is responsible for validating the received packet, updating the
RX Queue status, and triggering automatic responses, if required.
The RX Comm is comprised of the Clock and Data Recovery (CDR), RX DES (de-serializer) (serial-to-parallel converter,
4b5b decoder, and framing detector), RX CRC32 (CRC calculator, receive timer), and other logic to detect valid packet
reception.
The following sub-sections describe the various blocks and sub-blocks in more detail.
11.2.1
RX QUEUE
The decoded RX data (header, data objects, and CRC) is saved into an integrated 128 byte RX FIFO. The RX FIFO that
is capable of storing multiple packets and provides read and write pointers.
Two bytes are added to the beginning of each packet. Byte 0 holds the packet status (SOP type and the legacy “buffer”
valid bit) and byte 1 holds the packet length. An option exists to swap these values (length in byte 0, status in byte 1)
and add one to the packet length (to account for the status byte). This option is used for an SMBus like block read where
the first byte read indicates the length of the transfer and the remaining bytes (the status and the packet) follow. Note
that the packet includes the 4 byte CRC, which is included in the length.
The following sub-sections present details of how the write and read interfaces to the FIFO appear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com