Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 114 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 114 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 110Page - Microchip Technology UPD360 Datasheet HTML 111Page - Microchip Technology UPD360 Datasheet HTML 112Page - Microchip Technology UPD360 Datasheet HTML 113Page - Microchip Technology UPD360 Datasheet HTML 114Page - Microchip Technology UPD360 Datasheet HTML 115Page - Microchip Technology UPD360 Datasheet HTML 116Page - Microchip Technology UPD360 Datasheet HTML 117Page - Microchip Technology UPD360 Datasheet HTML 118Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 221 page
background image
UPD360
DS00002084C-page 114
 2016-2017 Microchip Technology Inc.
11.1.1.2.4
TX Queue Programming Sequence - RMDP
The following sequence should be used when programming a sequence in RMDP. This example assumes hardware
performs CRC insertion.
1.
Make sure the GO bit in the TX Control Register B (TX_CTL_B) is cleared, i.e., hardware is done with previous
TX request.
2.
If using FIFO mode, clear the TX Queue WRI pointer by writing a “1” to the RST_TXQ_FIFO_WRI_PTR bit of the
TX Control Register B (TX_CTL_B).
3.
Write the SOP K-Codes to the FIFO *Sync-1, Sync-1, Sync-1, Sync-2).
4.
Write two header bytes, splitting each byte into nibbles.
5.
Write the payload data, if any, splitting each byte into nibbles.
6.
Write the value “0xFF” to insert the CRC.
7.
Write the EOP K-Code (EOP).
8.
Write the value “0xFE” to terminate the transmission. Failure to write this value will cause transmission to con-
tinue indefinitely looping on the TX buffer.
9.
Check to see if it is OK to transmit via the OK_TO_TX bit in the TX Control Register B (TX_CTL_B)).
10. If OK_TO_TX: set the GO bit in the TX Control Register B (TX_CTL_B) to start transmission.
Else: repeat step 9. Note: If an RX is in progress, the current TX may need to be abandoned.
11.1.2
TX CONTROL
The TX Control implements the necessary control logic. It is responsible for reading the data from the TX queue and
based on the data processing mode (automatic or raw), processing the data to make it suitable (nibbles with control
information) for use by the TX Comm. It is also responsible for generating packet framing and terminating the packet in
automatic mode, and generating messages for automatic response (GoodCRC and BIST Error Count). TX Control also
handles the selection of the SOP type that is to be transmitted.
11.1.2.1
Transmit Requests
There are four sources of transmit requests:
• GoodCRC Ack from the receiver for a soft-reset
• GoodCRC Ack from the receiver for a normal packet
• BIST error count message from the BIST receiver
• Transmit go from the software
11.1.2.2
Transmit Aborts
Once packet transmission is initiated, the device will power up the analog and then wait for the bus turn-around timers
and power-up timers to expire. During this wait, the transmission can be aborted by software and will be aborted by the
device, when a good packet (including soft-reset), a hard reset, or a cable reset (if enabled and the SOP type of the
pending TX is SOP', SOP'', SOP'_Debug or SOP''_Debug) is received.
Once the bus turn-around time has expired (or if it was already expired) and the power up time is expired, the bus is
checked for idle. If the bus is idle, the transmission is started. If the bus is not idle, the transmission is discarded and,
typically, an abort status set. This discard can be disabled with the WAIT4LINE_IDLE bit in the TX Control Register A
(TX_CTL_A) for all packets and is also disabled for auto response triggered GoodCRC Acks for received soft-resets
(unless the feature is disabled via the DIS_SPCL_SR_GCRC_ACK bit).
If the transmission is not discarded due to the bus being non-idle, the device waits for the bus to become idle and then,
once again, waits the turn-around time. During the wait for bus idle, the transmission can be aborted by software and
will be aborted by the hardware if a good packet, a hard reset or a cable reset (if enabled and the SOP type of the pend-
ing TX is SOP', SOP'', SOP'_Debug or SOP''_Debug) is received.
Software issued hard and cable resets are not aborted due to received good packets, hard resets or cable resets.
Note:
The value of the TX Packet Length Register (TX_PKT_LEN) is ignored for this mode since hardware knows
when to terminate the packet based on detection of TX_STOP control code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com