Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 219 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 219 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 213Page - Microchip Technology UPD360 Datasheet HTML 214Page - Microchip Technology UPD360 Datasheet HTML 215Page - Microchip Technology UPD360 Datasheet HTML 216Page - Microchip Technology UPD360 Datasheet HTML 217Page - Microchip Technology UPD360 Datasheet HTML 218Page - Microchip Technology UPD360 Datasheet HTML 219Page - Microchip Technology UPD360 Datasheet HTML 220Page - Microchip Technology UPD360 Datasheet HTML 221Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 219 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 219
UPD360
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
UPD360
Tape and Reel
Option:
Blank
= Standard packaging (tray)
T
= Tape and Reel (Note 1)
Version:
A
= +1.8V I2C Interface
B
= +3.3V I2C Interface
C
= SPI Interface
Temperature
Range:
Blank
=
0
C to +70C
(Commercial)
Package:
6HX
= 44-ball WFBGA
Examples:
a)
UPD360-A/6HX
+1.8V I2C Interface,
Standard packaging,
Commercial temperature,
44-ball WFBGA package
b)
UPD360T-B/6HX
+3.3V I2C Interface,
Tape and Reel,
Commercial temperature,
44-ball WFBGA package
c)
UPD360-C/6HX
SPI Interface,
Standard packaging,
Commercial temperature,
44-ball WFBGA package
Note
1:
Tape and Reel identifier only appears in
the catalog part number description. This
identifier is used for ordering purposes and
is not printed on the device package.
Check with your Microchip Sales Office for
package availability with the Tape and Reel
option.
PART NO.
[X]
/XXX
Package
Temp.
Device
[X]( 1)
Tape & Reel
Option
Range
-X
Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com