Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 213 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 213 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 209Page - Microchip Technology UPD360 Datasheet HTML 210Page - Microchip Technology UPD360 Datasheet HTML 211Page - Microchip Technology UPD360 Datasheet HTML 212Page - Microchip Technology UPD360 Datasheet HTML 213Page - Microchip Technology UPD360 Datasheet HTML 214Page - Microchip Technology UPD360 Datasheet HTML 215Page - Microchip Technology UPD360 Datasheet HTML 216Page - Microchip Technology UPD360 Datasheet HTML 217Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 213
UPD360
Note 16-10
Design guidance only. Not tested in production.
Temperature Update
Time
tDC_TEMP
200
ms
Cycle Time
tCYCLE
25
ms
Time period after which PPC
faults are determined to be
cleared, as part of the auto-
recovery fault handler.
Short Circuit
Response Time
tSHORT_LIM
1.5
µs
Time from detection of short to
current limit applied.
No CBUS applied
Note 16-10
Short Circuit
Detection Time
tSHORT
6
ms
Time from detection of short to
port power switch disconnect and
alert assertion.
Note 16-10
Latched Mode Cycle
Time
tUL
7
ms
From PWR_EN edge transition
from inactive to active to begin
error recovery.
Note 16-10
Discharge Time
tDISCHARGE
200
ms
Amount of time discharge resis-
tor applied. Programmable to
100-400 ms, default listed.
Port Power Switch Operation with Trip Mode Current Limiting
Region 2 Current
Keep-out
IBUS_R2MIN1
0.1
A
Note 16-10
Minimum VBUS
Allowed at Output
VBUS_MIN1
2.0
V
Note 16-10
TABLE 16-12: PORT POWER CONTROLLER AC PARAMETERS (CONTINUED)
Parameter
Symbol
Min
Typ
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com