Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 209 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 209 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 205Page - Microchip Technology UPD360 Datasheet HTML 206Page - Microchip Technology UPD360 Datasheet HTML 207Page - Microchip Technology UPD360 Datasheet HTML 208Page - Microchip Technology UPD360 Datasheet HTML 209Page - Microchip Technology UPD360 Datasheet HTML 210Page - Microchip Technology UPD360 Datasheet HTML 211Page - Microchip Technology UPD360 Datasheet HTML 212Page - Microchip Technology UPD360 Datasheet HTML 213Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 209
UPD360
TABLE 16-7:
VCONN SOURCE DC PARAMETERS
TABLE 16-6:
PORT POWER CONTROLLER DC PARAMETERS
Parameter
Symbol
Min
Typ
Max
Units
Notes
Over-voltage Lockout
VS_OV
6V
On Resistance
RON_PSW
40
m
4.75 V < VS < 5.25 V
Thermal Shutdown
Threshold
tTSD
135
°C
Die Temperature at which port
power switch will turn off
Thermal Shutdown
Hysteresis
tTSD_HYST
35
°C
After shutdown due to TTSD
being reached, die temperature
drop required before port power
switch can be turned on again
Discharge Imped-
ance
RDISCHARGE
100
ILIM USB 2.0 Default
Current
ILIM_USB2
500
600
mA
Used when PWR_CAPx pins are
set to the USB 2.0 Default Cur-
rent limit or configured via PPC
control registers.
ILIM USB 3.0 Default
Current
ILIM_USB3
900
1100
mA
Used when PWR_CAPx pins are
set to the USB 3.0 Default Cur-
rent limit or configured via PPC
control registers.
ILIM 1.5A
ILIM_1.5A
1500
1800
mA
Used when PWR_CAPx pins are
set to the 1.5A current limit or
configured via PPC control regis-
ters.
ILIM 3.0A
ILIM_3A
3000
3700
mA
Used when PWR_CAPx pins are
set to the 3.0A current limit or
configured via PPC control regis-
ters.
Parameter
Symbol
Min
Typ
Max
Units
Notes
ILIM
ILIM_VCONN
600
mA
VS
=5V
On Resistance
RON_VCONN
270
m
TABLE 16-8:
POWER SWITCH DC PARAMETERS
Parameter
Symbol
Min
Typ
Max
Units
Notes
VSW Load
VSW_Load
100
mA
3V3_ALW/3V3_VBUS = 3.3V
VSW Resistance
R_VSW
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com