Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 208 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 208 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 204Page - Microchip Technology UPD360 Datasheet HTML 205Page - Microchip Technology UPD360 Datasheet HTML 206Page - Microchip Technology UPD360 Datasheet HTML 207Page - Microchip Technology UPD360 Datasheet HTML 208Page - Microchip Technology UPD360 Datasheet HTML 209Page - Microchip Technology UPD360 Datasheet HTML 210Page - Microchip Technology UPD360 Datasheet HTML 211Page - Microchip Technology UPD360 Datasheet HTML 212Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 221 page
background image
UPD360
DS00002084C-page 208
 2016-2017 Microchip Technology Inc.
TABLE 16-4:
VS DEVICE CURRENT CONSUMPTION
16.5
DC Characteristics
Note 16-2
This specification applies to all inputs and tri-stated bi-directional pins. Internal pull-down and pull-up
resistors add +/- 50 µA per-pin (typical).
Note 16-3
The I2C type buffer conforms to the NXP I2C-Bus Specification (UM10204, Rev. 6). Refer to the I2C-
Bus Specification for additional information.
Power State
VS Supply Current
Typical
Max
Units
SLEEP
50
µA
STANDBY
60
µA
ACTIVE_PPC_OFF
60
µA
ACTIVE_PPC_ON
See Note 4
mA
Note 1: This table details the power consumption of the UPD360 device as measured during various modes of
operation. Power dissipation is determined by temperature, supply voltage, and external source/sin k
requirements. Maximum values represent very short bursts of activity over a small amount of time. Typical
values represent averaged current consumption over time.
2: SLEEP power state is achieved with PWR_DN pin asserted
3: STANDBY is equivalent to USB Type-C™ specification’s Unattached.SRC/Unattached.SNK
4: VS current consumption is equal to the sum of VBUS (when internal 5V PPC is used) and VCONN loads.
TABLE 16-5:
DC ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Min
Typ
Max
Units
Notes
IS Type Input Buffer
Low Input Level
High Input Level
Negative-Going Threshold
Positive-Going Threshold
Schmitt Trigger Hysteresis
(VIHT - VILT)
Input Leakage
(VIN = VSS or VDDIO)
Input Capacitance
VILI
VIHI
VILT
VIHT
VHYS
IIH
CIN
-0.3
2.0
1.21
1.31
100
-10
1.33
1.58
133
0.8
3.6
1.8
1.8
0
10
3
V
V
V
V
mV
µA
pF
Schmitt trigger
Schmitt trigger
Note 16-2
O8 Type Output Buffer
Low Output Level
High Output Level
VOL
VOH
VDDIO - 0.4
0.4
V
V
IOL = -8 mA
IOH = 8 mA
OD8 Type Output Buffer
Low Output Level
VOL
0.4
V
IOL = -8 mA
I2C Type Buffer
Note 16-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com