Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 210 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 210 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 206Page - Microchip Technology UPD360 Datasheet HTML 207Page - Microchip Technology UPD360 Datasheet HTML 208Page - Microchip Technology UPD360 Datasheet HTML 209Page - Microchip Technology UPD360 Datasheet HTML 210Page - Microchip Technology UPD360 Datasheet HTML 211Page - Microchip Technology UPD360 Datasheet HTML 212Page - Microchip Technology UPD360 Datasheet HTML 213Page - Microchip Technology UPD360 Datasheet HTML 214Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 221 page
background image
UPD360
DS00002084C-page 210
 2016-2017 Microchip Technology Inc.
16.6
AC Characteristics and Timing
This section details the various AC timing specifications of the device.
16.6.1
RESET_N TIMING
Figure 16-2 illustrates the RESET_N timing requirements. Assertion of RESET_N is not a requirement. However, if used,
it must be asserted for the minimum period specified
16.6.2
I2C SLAVE INTERFACE (UPD360-A/UPD360-B ONLY)
Figure 16-3 illustrates the I2C slave interface timing requirements. The I2C slave interface can operate in Standard
Mode, Fast Mode, or Fast Mode Plus. Refer to Section 5.0, "I2C Slave Controller (UPD360-A/UPD360-B Only)," on
page 20 for additional information.
FIGURE 16-2:
RESET_N TIMING
TABLE 16-9:
RESET_N TIMING VALUES
Symbol
Description
Min
Typ
Max
Units
trstia
RESET_N input assertion time
1
s
FIGURE 16-3:
I2C SLAVE TIMING
RESET_N
trstia
bit 0
(R/W)
I2C_CLK
I2C_DAT
Protocol
tBUF
tSU;STA
tHD;STA
tLOW
tHD;DAT
tr
tf
tHIGH
1 / fCLK
tSU;DAT
0.7 x VDD
0.3 x VDD
0.7 x VDD
0.3 x VDD
tVD;DAT
tVD;ACK tSU;STO
START
condition
(S)
bit 7
MSB
(A7)
acknowledge
(A)
STOP
(P)
bit 6
(A6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com