Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 211 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 211 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 207Page - Microchip Technology UPD360 Datasheet HTML 208Page - Microchip Technology UPD360 Datasheet HTML 209Page - Microchip Technology UPD360 Datasheet HTML 210Page - Microchip Technology UPD360 Datasheet HTML 211Page - Microchip Technology UPD360 Datasheet HTML 212Page - Microchip Technology UPD360 Datasheet HTML 213Page - Microchip Technology UPD360 Datasheet HTML 214Page - Microchip Technology UPD360 Datasheet HTML 215Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 211
UPD360
Note 16-4
tVD;ACK = time for Acknowledgment signal from I2C_CLK LOW to I2C_DAT (out) LOW.
Note 16-5
tVD;DAT = minimum time for I2C_DAT data out to be valid following I2C_CLK LOW.
Note 16-6
A master device must internally provide a hold time of at least 300 ns for the I2C_DAT signal (refer
to the VIL of the I2C_CLK signal) in order to bridge the undefined region I2C_CLK‘s falling edge.
Note 16-7
The maximum tf for the I2C_DAT and I2C_CLK bus lines is specified at 300 ns. The maximum fall
time for the I2C_DAT output stage tf is specified at 250 ns. This allows series protection resistors to
be connected between the I2C_DAT and I2C_CLK pins and the respective bus lines without
exceeding the maximum specified tf.
Note 16-8
Input filters on the I2C_DAT and I2C_CLK inputs suppress noise spikes less than 50 ns.
16.6.3
SPI SLAVE INTERFACE (UPD360-C ONLY)
Figure 16-4 and Figure 16-5 illustrate the SPI slave interface input and output timing requirements, respectively. Refer
to Section 6.0, "SPI Slave Controller (UPD360-C Only)," on page 26 for additional information.
TABLE 16-10: I2C SLAVE TIMING VALUES
Symbol
Description
Min
Max
Units
fCLK
I2C_CLK clock frequency
0
1000
kHz
tBUF
Bus free time between a STOP and START condition
0.5
s
tHD;STA
Hold time (repeated) START condition
0.26
s
tSU;STA
Setup time for repeated START condition
0.26
s
tSU;STO
Setup time for STOP condition
0.26
s
tHD;DAT
Data hold time
0
ns
tVD;ACK
Data valid acknowledge time (Note 16-4)
0.05
0.45
s
tVD;DAT
Data valid time (Note 16-5)
50
450
ns
tSU;DAT
Data setup time
50
ns
tLOW
LOW period of the I2C_CLK clock
0.5
s
tHIGH
HIGH period of the I2C_CLK clock
0.26
s
tf
Fall time of I2C_CLK and I2C_DAT
(Note 16-6)(Note 16-7)
120
ns
tr
Rise time of I2C_CLK and I2C_DAT
(Note 16-6)(Note 16-7)
120
ns
tSP
Pulse width of spikes that must be suppressed by the input filter
(Note 16-8)
50
ns
FIGURE 16-4:
SPI SLAVE INPUT TIMING
SPI_CLK
SPI_DI
SPI_CS
tscss
thigh
tlow
tsu
thd
tscshl
tscsh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com