Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 207 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 207 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 203Page - Microchip Technology UPD360 Datasheet HTML 204Page - Microchip Technology UPD360 Datasheet HTML 205Page - Microchip Technology UPD360 Datasheet HTML 206Page - Microchip Technology UPD360 Datasheet HTML 207Page - Microchip Technology UPD360 Datasheet HTML 208Page - Microchip Technology UPD360 Datasheet HTML 209Page - Microchip Technology UPD360 Datasheet HTML 210Page - Microchip Technology UPD360 Datasheet HTML 211Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 207
UPD360
16.3
Package Thermal Specifications
16.4
Current Consumption
TABLE 16-1:
PACKAGE THERMAL PARAMETERS
Parameter
Symbol
°C/W
Thermal Resistance Junction to Ambient
JA
74.2
Thermal Resistance Junction to Top of Case
JC
25.2
Thermal Resistance Junction to Board
JB
47.9
Thermal Resistance Junction to Bottom of Case
JT
8.8
Note:
Thermal parameters are measured or estimated for devices in a multi-layer 2S2P PCB per JESDN51.
TABLE 16-2:
POWER DISSIPATION
Parameter
Symbol
Max
Units
Power Dissipation
Pdis
825
mW
Note:
This is the worst-case power dissipation as a consequence of maximum loading (before current-limiting
protections take effect) upon the internal VBUS power switch, VCONN power switch, 3.3V power-ORing
switch, analog blocks, and core digital logic.
TABLE 16-3:
3V3_ALW DEVICE CURRENT CONSUMPTION
Power State
3V3_ALW Supply Current
Typical
Max
Units
SLEEP
14
µA
STANDBY
70
µA
ACTIVE_PPC_OFF
70
µA
ACTIVE_PPC_ON
10
mA
ACTIVE and PD packet transmitting
+5
See Note 4
mA
Note 1: This table details the power consumption of the UPD360 device as measured during various modes of
operation. Power dissipation is determined by temperature, supply voltage, and external source/sin k
requirements. Maximum values represent very short bursts of activity over a small amount of time. Typical
values represent averaged current consumption over time.
2: SLEEP power state is achieved with PWR_DN pin asserted
3: STANDBY is equivalent to USB Type-C™ specification’s Unattached.SRC/Unattached.SNK
4: 3V3_VBUS current is ~0µA except during bus-powered conditions, where the power consumption is
equivalent to “ACTIVE_PPC_OFF”.
5: Supply current for the ACTIVE and PD packet transmitting is in addition to the appropriate ACTIVE_P-
PC_ON/OFF state’s typical value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com