Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 203 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 203 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 199Page - Microchip Technology UPD360 Datasheet HTML 200Page - Microchip Technology UPD360 Datasheet HTML 201Page - Microchip Technology UPD360 Datasheet HTML 202Page - Microchip Technology UPD360 Datasheet HTML 203Page - Microchip Technology UPD360 Datasheet HTML 204Page - Microchip Technology UPD360 Datasheet HTML 205Page - Microchip Technology UPD360 Datasheet HTML 206Page - Microchip Technology UPD360 Datasheet HTML 207Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 203
UPD360
15.4
Watchdog Timer Registers
This section details the watchdog timer registers. For an overview of the entire device register map, refer to Section 4.0,
"Register Map," on page 19.
15.4.1
WATCHDOG CONTROL REGISTER (WDT_CTL)
Note 15-1
Default value depends on whether a WDT initiated reset occurred, in which the case the value is 1b.
Otherwise the value is 0b.
TABLE 15-1:
WATCHDOG TIMER REGISTER MAP
Address
Register Name (Symbol)
3000h
Watchdog Control Register (WDT_CTL)
3002h
Watchdog Kick Register (WDT_KICK)
3004h
Watchdog Count Register (WDT_COUNT)
3008h
Watchdog Load Register (WDT_LOAD)
300Ch – 33FFh
Reserved for future expansion
Note:
RESERVED address space must not be written under any circumstances. Failure to heed this warn-
ing may result in untoward operation and unexpected results.
Address:
3000h
Size:
16 bits
Bits
Description
Type
Default
15:4
RESERVED
RO
0h
3
WDT_UNITS
0: Units of 1 ms are used.
1: Units of 1 us are used.
Note:
When units of 1 us are used, the 48 MHz Relaxation Oscillator
must be enabled and device current consumption will increase by
over 400 uA. Otherwise, when units are 1 ms, the 20 KHz Keep
Alive Oscillator is used.
R/W
0b
2
WDT_SIM
Used for speeding up the watchdog timer for simulation. Watchdog operates
off of a 1 MHz clock when set.
When this bit is set, WDT_UNITS shall be set to 1b.
R/W
0b
1
WDT_STS
WDT Status is set by hardware if the last reset of the device was caused by an
underflow of the WDT. This bit must be cleared by software writing a ‘1’ to this
bit. Writing a ‘0’ to this bit has no effect.
R/WC
Note 15-1
0
WDT_EN
When set, the watchdog timer is enabled. Clearing this bit disables the watch-
dog timer.
Note:
Due to clock domain synchronization, several clock cycles may
elapse before this takes affect and the WDT counter begins to dec-
rement.
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com