Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 201 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 201 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 197Page - Microchip Technology UPD360 Datasheet HTML 198Page - Microchip Technology UPD360 Datasheet HTML 199Page - Microchip Technology UPD360 Datasheet HTML 200Page - Microchip Technology UPD360 Datasheet HTML 201Page - Microchip Technology UPD360 Datasheet HTML 202Page - Microchip Technology UPD360 Datasheet HTML 203Page - Microchip Technology UPD360 Datasheet HTML 204Page - Microchip Technology UPD360 Datasheet HTML 205Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 201
UPD360
14.4.8
HPD LOW DETECT TIME REGISTER (HPD_LOW_DET_TIME)
14.4.9
HPD IRQ GENERATION TIME REGISTER (HPD_IRQ_GEN)
Address:
0C08h
Size:
16 bits
BITS
DESCRIPTION
TYPE
DEFAULT
15:0
HPD Low Detect Time
This field defines the amount of time that HPD must be deasserted, after ini-
tially being high, in order to detect an HPD_LOW event.
The programmed time is (50 us * HPD_LOW_DET_TIME) + 100 us.
Note:
Software may not change the state of this register while HPD
Enable is set to 1b.
R/W
0h
Address:
0C0Ah
Size:
8 bits
BITS
DESCRIPTION
TYPE
DEFAULT
7:0
HPD IRQ Generation Time
This field defines the amount of time, in units of 50 us, that HPD shall be deas-
serted after the Generate IRQ bit in the HPD Control Register (HPD_CTL) is
set.
After this amount of time, the HPD pin will be returned to the state defined in
HPD Output Value.
Note:
Software may not change the state of this register while HPD
Enable is set to 1b.
R/W
0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com