Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 197 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 197 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 193Page - Microchip Technology UPD360 Datasheet HTML 194Page - Microchip Technology UPD360 Datasheet HTML 195Page - Microchip Technology UPD360 Datasheet HTML 196Page - Microchip Technology UPD360 Datasheet HTML 197Page - Microchip Technology UPD360 Datasheet HTML 198Page - Microchip Technology UPD360 Datasheet HTML 199Page - Microchip Technology UPD360 Datasheet HTML 200Page - Microchip Technology UPD360 Datasheet HTML 201Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 197
UPD360
14.4.1
HPD CONTROL REGISTER (HPD_CTL)
Address:
0C00h
Size:
8 bits
Bits
Description
Type
Default
7
HPD State
Provides the state of the HPD pin.
This bit resets to 0b when HPD Enable is cleared.
Note:
An IRQ_HPD event is recorded as an HPD_HIGH state.
Note:
This bit is valid when HP is configured as an input or output.
RO
-
6:4
RESERVED
RO
-
3
HPD Output Value
This bit only has meaning when the HPD pin is configured as an output per
HPD Configuration. Otherwise, it will always read 0b.
R/W
0b
2
Generate IRQ
When set, the HPD pin generates an HPD IRQ by deasserting HPD for the
amount of time defined in the HPD IRQ Generation Time Register
(HPD_IRQ_GEN).
This bit only has meaning when the HPD pin is configured as an output per
HPD Configuration. Otherwise, it will always read 0b.
Note:
HPD Output Value must be set to 1b before using this feature.
Note:
Software may not change the state of this bit while HPD Enable is
set to 1b.
R/SC
0b
1
HPD Configuration
0: HPD is configured as an input
1: HPD is configured as an output
Note:
Software may not change the state of this bit while HPD Enable is
set to 1b.
R/W
0b
0
HPD Enable
When set, the HPD pin is enabled.
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com