Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 196 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 196 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 192Page - Microchip Technology UPD360 Datasheet HTML 193Page - Microchip Technology UPD360 Datasheet HTML 194Page - Microchip Technology UPD360 Datasheet HTML 195Page - Microchip Technology UPD360 Datasheet HTML 196Page - Microchip Technology UPD360 Datasheet HTML 197Page - Microchip Technology UPD360 Datasheet HTML 198Page - Microchip Technology UPD360 Datasheet HTML 199Page - Microchip Technology UPD360 Datasheet HTML 200Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 221 page
background image
UPD360
DS00002084C-page 196
 2016-2017 Microchip Technology Inc.
4.
When an Hot Plug event occurs, the HPD Event Queue Register (HPD_QUEUE) is updated and an interrupt will
assert if configured.
5.
HPD state changes are reflected by assertion of QUEUE_NOT_EMPTY, HPD_HIGH, HPD_LOW and IRQ_HPD
bits in HPD Interrupt Status Register (HPD_INT_STS). They may cause assertion of HPD_INT in the Interrupt
Status Register (INT_STS), if enabled.
6.
Software reads the HPD Event Queue Register (HPD_QUEUE) to determine the Hot Plug events received.
7.
Software writes to the HPD Event Queue Register (HPD_QUEUE) and clears the valid entries.
14.3
HPD Transmission
The device provides HPD transmission (output) via the HPD pin. This is done via the HPD Control Register (HPD_CTL)
by setting both HPD Configuration and HPD Enable to “1”. The value driven on the HPD pin is controlled by HPD Output
Value.
Support is also provided for generating an IRQ_HPD. This is accomplished by programming the deassertion time in
HPD IRQ Generation Time Register (HPD_IRQ_GEN) and then setting Generate IRQ in HPD Control Register
(HPD_CTL). Generate IRQ self clears after the interrupt pulse is issued.
This feature is used as follows:
1.
Configure the HPD pin as an output by setting HPD Configuration and HPD Enable in HPD Control Register
(HPD_CTL). The value for HPD is defined by the value programmed in HPD Output Value.
2.
If it is desired to generate an IRQ_HPD, the HPD IRQ Generation Time Register (HPD_IRQ_GEN) must be pro-
grammed with the desired HPD deassertion time.
3.
If it is desired to receive an interrupt upon generation of IRQ_HPD, the respective bit in the HPD Interrupt Enable
Register (HPD_INT_EN) should be enabled.
4.
Software requests IRQ_HPD generation by setting Generate IRQ in the HPD Control Register (HPD_CTL). HPD
Output Value must also be set to 1b.
5.
Upon generating the IRQ_HPD interrupt, the Generate IRQ bit will self clear.
6.
The IRQ_HPD bit asserts in the HPD Interrupt Status Register (HPD_INT_STS) and shall cause assertion of the
HPD_INT interrupt in the Interrupt Status Register (INT_STS), if enabled.
14.4
DisplayPort HPD Registers
This section details the DisplayPort HPD registers. For an overview of the entire device register map, refer to Section
4.0, "Register Map," on page 19.
TABLE 14-1:
DISPLAYPORT HPD REGISTER MAP
Address
Register Name (Symbol)
0C00h
HPD Control Register (HPD_CTL)
0C01h
HPD Interrupt Status Register (HPD_INT_STS)
0C02h
HPD Interrupt Enable Register (HPD_INT_EN)
0C03h
HPD Event Queue Register (HPD_QUEUE)
0C04h
IRQ_HPD Minimum Time Register (IRQ_HPD_MIN_TIME)
0C05h
IRQ_HPD Maximum Time Register (IRQ_HPD_MAX_TIME)
0C06h
HPD High Detect Time Register (HPD_HIGH_DET_TIME)
0C08h
HPD Low Detect Time Register (HPD_LOW_DET_TIME)
0C0Ah
HPD IRQ Generation Time Register (HPD_IRQ_GEN)
0C0Bh – 0FFFh
Reserved for future expansion
Note:
RESERVED address space must not be written under any circumstances. Failure to heed this warn-
ing may result in untoward operation and unexpected results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com