Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 192 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 192 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 188Page - Microchip Technology UPD360 Datasheet HTML 189Page - Microchip Technology UPD360 Datasheet HTML 190Page - Microchip Technology UPD360 Datasheet HTML 191Page - Microchip Technology UPD360 Datasheet HTML 192Page - Microchip Technology UPD360 Datasheet HTML 193Page - Microchip Technology UPD360 Datasheet HTML 194Page - Microchip Technology UPD360 Datasheet HTML 195Page - Microchip Technology UPD360 Datasheet HTML 196Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 221 page
background image
UPD360
DS00002084C-page 192
 2016-2017 Microchip Technology Inc.
13.4.1
POWER SWITCH CONTROL REGISTER (PWR_SW_CTL)
13.4.2
POWER SWITCH STATUS REGISTER (PWR_SW_STS)
Address:
1C00h
Size:
8 bits
Bits
Description
Type
Default
7:2
RESERVED
RO
-
1
Power Switch Enable (PM_SW_ENB)
This active low signal enables the power switch.
R/W
0b
0
VBUS Switch Enable Override (VBUS_SW_EN_OVR)
When this bit is asserted, the power switch utilizes the 3V3_VBUS supply. This
bit only has meaning if the device is currently operating on 3V3_ALW and the
VBUS supply is present.
This bit disables the auto-switch mechanism of the power switch.
R/W
0b
Address:
1C01h
Size:
8 bits
Bits
Description
Type
Default
7:6
RESERVED
RO
-
5
3V3_ALW POR (3V3_ALW_RDY)
POR output from the main VBAT external supply. Active high when the supply
is above 2.85V. Active low when the supply drops below 2.7V.
RO
0b
4
3V3_VBUS POR (VBUS_RDY)
POR output from the VBUS external supply. Active high when the supply is
above 4V. Active low when the supply drops below 2.7V.
RO
0b
3
RESERVED
RO
-
2
PWR_RDY
Indicates power ready on VSW and VDD18 supplies.
RO
1b
1
3V3_ALW Switch Gate Off (3V3_ALW_SW_OKB)
Indicates state of VSW with respect to 3V3_ALW.
0: VSW < 3V3_ALW
1: VSW > 3V3_ALW
RO
0b
0
VBUS Switch Gate Off (VBUS_SW_OKB)
Indicates state of VSW with respect to VBUS.
0: VSW < VBUS
1: VSW > VBUS
RO
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com