Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 191 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 191 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 187Page - Microchip Technology UPD360 Datasheet HTML 188Page - Microchip Technology UPD360 Datasheet HTML 189Page - Microchip Technology UPD360 Datasheet HTML 190Page - Microchip Technology UPD360 Datasheet HTML 191Page - Microchip Technology UPD360 Datasheet HTML 192Page - Microchip Technology UPD360 Datasheet HTML 193Page - Microchip Technology UPD360 Datasheet HTML 194Page - Microchip Technology UPD360 Datasheet HTML 195Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 191
UPD360
50uS later, FET C is shorted. The voltage at the input of the core regulator is 3V3_VBUS.
13.2
Software Override
In the event that both 3V3_VBUS and 3V3_ALW are available, the Power Switch automatically selects 3V3_ALW for
operation. This can be overridden by the VBUS Switch Enable Override (VBUS_SW_EN_OVR) bit of the Power Switch
Control Register (PWR_SW_CTL), which forces the switch to operate off of VBUS. When this bit is set, the auto-switch
mechanism of the switch is disabled.
13.3
Power Switch Interrupts
The power switch interrupt alerts software to changes in the state of the Power Switch. These events are listed in the
Power Switch Interrupt Status Register (PWR_INT_STS). The interrupt persists until the asserted bits in the Power
Switch Interrupt Status Register (PWR_INT_STS) are cleared. Individual interrupt events can be a enabled via the
Power Switch Interrupt Enable Register (PWR_INT_EN). Power switch interrupt status sources are capable of triggering
asynchronous wakes.
13.4
Power Switch Registers
This section details the power switch registers. For an overview of the entire device register map, refer to Section 4.0,
"Register Map," on page 19.
FIGURE 13-16:
POWER SWITCH: VBUS PRESENT, 3V3_ALW GOING AWAY STEP FIVE
TABLE 13-1:
POWER SWITCH REGISTER MAP
Address
Register Name (Symbol)
1C00h
Power Switch Control Register (PWR_SW_CTL)
1C01h
Power Switch Status Register (PWR_SW_STS)
1C02h
Power Switch Interrupt Status Register (PWR_INT_STS)
1C03h
Power Switch Interrupt Enable Register (PWR_INT_EN)
1C04h
Power Switch State Status Register (PWR_SW_STATE_STS)
1C05h – 1FFFh
Reserved for future expansion
3V3_ALW
3V3_ VBUS
VSW
A
B
C
D
3V3_VBUS_PWRGD=1
3V3_ALWAYS_PWRGD=0
3V3_VBUS
LDOs
VCORE _PWRGD
1.8V Analog
1.8V Core
EN
VMUX_PWRGD
SWITCH
CONTROL
3V3_ALWAYS_PWRGD
3V3_VBUS_PWRGD
VCORE_PWRGD
A
C
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com