Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 193 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 193 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 189Page - Microchip Technology UPD360 Datasheet HTML 190Page - Microchip Technology UPD360 Datasheet HTML 191Page - Microchip Technology UPD360 Datasheet HTML 192Page - Microchip Technology UPD360 Datasheet HTML 193Page - Microchip Technology UPD360 Datasheet HTML 194Page - Microchip Technology UPD360 Datasheet HTML 195Page - Microchip Technology UPD360 Datasheet HTML 196Page - Microchip Technology UPD360 Datasheet HTML 197Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 193
UPD360
13.4.3
POWER SWITCH INTERRUPT STATUS REGISTER (PWR_INT_STS)
Address:
1C02h
Size:
8 bits
Bits
Description
Type
Default
7:6
RESERVED
RO
-
5
3V3_ALW to VBUS Switch Interrupt (3V3_ALW2VBUS_INTR)
This interrupt asserts after the power switch automatically transitions from
selecting 3V3_ALW to selecting VBUS as the power source.
Write a ‘1’ to clear this bit. Writes of ‘0’ have no effect.
Note:
Assertion
of
the
VBUS
Switch
Enable
Override
(VBUS_SW_EN_OVR) bit causes this interrupt to assert.
R/WC
0b
4
VBUS to 3V3_ALW Switch Interrupt POR (VBUS23V3_ALW_INTR)
This interrupt asserts after the power switch automatically transitions from
selecting VBUS to selecting 3V3_ALW as the power source.
Write a ‘1’ to clear this bit. Writes of ‘0’ have no effect.
Note:
Assertion
of
the
VBUS
Switch
Enable
Override
(VBUS_SW_EN_OVR) bit prevents assertion of this interrupt when
VBUS is lost and 3V3_ALW is present.
R/WC
0b
3
3V3_ALW Lost Interrupt (3V3_ALW_LOST_INTR)
This interrupt asserts when 3V3_ALW POR (3V3_ALW_RDY) transitions from
1 to 0. It indicates that the 3V3_ALW supply has been lost.
Write a ‘1’ to clear this bit. Writes of ‘0’ have no effect.
R/WC
0b
2
3V3_ALW Ready Interrupt (3V3_ALW_RDY_INTR)
This interrupt asserts when 3V3_ALW POR (3V3_ALW_RDY) transitions from
0 to 1. It indicates that a 3V3_ALW supply has been detected.
Write a ‘1’ to clear this bit. Writes of ‘0’ have no effect.
R/WC
0b
1
VBUS Lost Interrupt (VBUS_LOST_INTR)
This interrupt asserts when 3V3_VBUS POR (VBUS_RDY) transitions from
1to 0. It indicates that the VBUS supply has been lost.
Write a ‘1’ to clear this bit. Writes of ‘0’ have no effect.
R/WC
0b
0
VBUS Ready Interrupt (VBUS_RDY_INTR)
This interrupt asserts when 3V3_VBUS POR (VBUS_RDY) transitions from 0
to 1. It indicates that a VBUS supply has been detected.
Write a ‘1’ to clear this bit. Writes of ‘0’ have no effect.
R/WC
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com