Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 200 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 200 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 196Page - Microchip Technology UPD360 Datasheet HTML 197Page - Microchip Technology UPD360 Datasheet HTML 198Page - Microchip Technology UPD360 Datasheet HTML 199Page - Microchip Technology UPD360 Datasheet HTML 200Page - Microchip Technology UPD360 Datasheet HTML 201Page - Microchip Technology UPD360 Datasheet HTML 202Page - Microchip Technology UPD360 Datasheet HTML 203Page - Microchip Technology UPD360 Datasheet HTML 204Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 221 page
background image
UPD360
DS00002084C-page 200
 2016-2017 Microchip Technology Inc.
14.4.5
IRQ_HPD MINIMUM TIME REGISTER (IRQ_HPD_MIN_TIME)
14.4.6
IRQ_HPD MAXIMUM TIME REGISTER (IRQ_HPD_MAX_TIME)
14.4.7
HPD HIGH DETECT TIME REGISTER (HPD_HIGH_DET_TIME)
Address:
0C04h
Size:
8 bits
BITS
DESCRIPTION
TYPE
DEFAULT
7:0
IRQ HPD Minimum Time
This field defines the minimum amount of time that HPD must be deasserted
for an IRQ event to be recognized. De-assertions for less than this amount of
time shall be ignored.
The programmed time is (50 us * IRQ_HPD_MIN_TIME) + 100 us.
Note:
Software may not change the state of this register while HPD
Enable is set to 1b.
R/W
0h
Address:
0C05h
Size:
8 bits
BITS
DESCRIPTION
TYPE
DEFAULT
7:0
IRQ HPD Maximum Time
This field defines the maximum amount of time that HPD shall be deasserted
for an IRQ event to be recognized. Assertions for more than this amount of
time shall not be determined to be an HPD interrupt event.
The programmed time is (50 us * IRQ_HPD_MAX_TIME) + 100 us.
Note:
Software may not change the state of this register while HPD
Enable is set to 1b.
R/W
0h
Address:
0C06h
Size:
16 bits
BITS
DESCRIPTION
TYPE
DEFAULT
15:0
HPD High Detect Time
This field defines the amount of time that HPD must be asserted, after initially
being low, in order to detect an HPD_HIGH event.
The programmed time is (50 us * HPD_HIGH_DET_TIME) + 100 us.
Note:
Software may not change the state of this register while HPD
Enable is set to 1b.
R/W
0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com