Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 202 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 202 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 198Page - Microchip Technology UPD360 Datasheet HTML 199Page - Microchip Technology UPD360 Datasheet HTML 200Page - Microchip Technology UPD360 Datasheet HTML 201Page - Microchip Technology UPD360 Datasheet HTML 202Page - Microchip Technology UPD360 Datasheet HTML 203Page - Microchip Technology UPD360 Datasheet HTML 204Page - Microchip Technology UPD360 Datasheet HTML 205Page - Microchip Technology UPD360 Datasheet HTML 206Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 221 page
background image
UPD360
DS00002084C-page 202
 2016-2017 Microchip Technology Inc.
15.0
WATCHDOG TIMER (WDT)
15.1
General Description
The function of the Watchdog Timer (WDT) is to provide a mechanism to detect if the device has failed.
When enabled, the Watchdog Timer circuit will generate a WDT initiated system reset if the user program fails to reload
the WDT within a specified length of time known as the WDT Interval.
The Watchdog timer operates off of the 20 KHz Keep Alive Oscillator or 48 MHz Relaxation Oscillator depending on the
resolution selected by WDT_UNITS bit in Watchdog Control Register (WDT_CTL).
A watchdog timer initiated system reset is indicated by assertion of WDT_INT bit in the Interrupt Enable Register
(INT_EN). In order to clear the WDT_INT bit, the WDT_STS bit in Watchdog Control Register (WDT_CTL) must be
cleared.
15.2
WDT Operation
15.2.1
WDT ACTIVATION MECHANISM
The WDT is activated by the following sequence of operations during normal operation:
1.
Clear the WDT_EN bit of Watchdog Control Register (WDT_CTL).
2.
Load the Watchdog Load Register (WDT_LOAD) with the count value.
3.
Set the WDT_EN bit of Watchdog Control Register (WDT_CTL).
The WDT Activation Mechanism starts the WDT decrementing counter.
15.2.2
WDT DEACTIVATION MECHANISM
The WDT is deactivated by clearing the WDT_EN bit in the Watchdog Control Register (WDT_CTL). The WDT Reload
Mechanism places the WDT in a low power state in which clocks are gated and the counter stops decrementing.
15.2.3
WDT RELOAD MECHANISM
If the WDT is not reloaded within periods that are shorter than the programmed watchdog interval, the WDT will under-
flow, a WDT reset will be generated, and the WDT_STS bit will be set in the Watchdog Control Register (WDT_CTL).
It is the responsibility of software to continually execute sections of code which reload the watchdog timer (WDT), caus-
ing the counter to be reloaded via the WDT Activation Mechanism or writing to the Watchdog Kick Register (WDT_-
KICK).
15.2.4
WDT INTERVAL
The WDT Interval is the time it takes for the WDT to decrements from the Watchdog Load Register (WDT_LOAD) value
to 0h.
15.3
I2C/SPI Writes
When a watchdog interrupt is pending all write operations are blocked until the WDT_STS bit in the Watchdog Control
Register (WDT_CTL) is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com